Electronic Components Datasheet Search
  English  ▼

X  

PE33241 Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE33241
Description  UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE33241 Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE33241 Datasheet HTML 1Page - Peregrine Semiconductor PE33241 Datasheet HTML 2Page - Peregrine Semiconductor PE33241 Datasheet HTML 3Page - Peregrine Semiconductor PE33241 Datasheet HTML 4Page - Peregrine Semiconductor PE33241 Datasheet HTML 5Page - Peregrine Semiconductor PE33241 Datasheet HTML 6Page - Peregrine Semiconductor PE33241 Datasheet HTML 7Page - Peregrine Semiconductor PE33241 Datasheet HTML 8Page - Peregrine Semiconductor PE33241 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Preliminary Specification
PE33241
Page 4 of 13
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-15014-3 │ UltraCMOS® RFIC Solutions
Table 2. Absolute Maximum Ratings
Note 1:
Periodically sampled, not 100% tested. Tested per MIL-STD-883,
M3015 C2
Table 4. ESD Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS® device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS®
devices are immune to latch-up.
Table 3. Operating Ratings
Table 5. DC Characteristics: VDD = 2.65 to 2.95V, -40°C < TA < 85°C, unless otherwise specified
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Supply voltage
-0.3
3.3
V
VI
Voltage on any input
-0.3
VDD +
0.3
V
II
DC into any input
-10
+10
mA
IO
DC into any output
-10
+10
mA
Tstg
Storage temperature range
-65
150
°C
Symbol
Parameter/Condition
Level
Unit
VESD
ESD voltage (Human Body Model)1
1000
V
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Supply voltage
2.65
2.95
V
TA
Operating ambient
temperature range
-40
85
C
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD
Operational supply current
Pre_5/6_Sel = “low”
Prescaler disabled
40
mA
Prescaler enabled
80
mA
Digital Inputs: All except fr, Fin, F͞in
VIH
High level input voltage
0.7 x VDD
V
VIL
Low level input voltage
0.3 x VDD
V
IIH
High level input current
VIH = VDD = 2.95V
70
μ
A
IIL
Low level input current
VIL = 0, VDD = 2.95V
-1
μ
A
Reference Divider input: fr
IIHR
High level input current
VIH = VDD = 2.95V
100
μ
A
IILR
Low level input current
VIL = 0, VDD = 2.95V
-100
μ
A
Counter and phase detector outputs: PD_D , PD_U
VOLD
Output voltage LOW
Iout = 6 mA
0.4
V
VOHD
Output voltage HIGH
Iout = -3 mA
VDD - 0.4
V
Lock detect outputs: Cext, LD
VOLC
Output voltage LOW, Cext
Iout = 100 μA
0.4
V
VOHC
Output voltage HIGH, Cext
Iout = -100 μA
VDD - 0.4
V
VOLLD
Output voltage LOW, LD
Iout = 1 mA
0.4
V
Fc = 50 MHz, Fin = 500 MHz
Fc = 50 MHz, Fin = 3 GHz
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the
PE33241 in the 48-lead 7x7 mm QFN package is
MSL3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com