Electronic Components Datasheet Search
  English  ▼

X  

PE33241 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE33241
Description  UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE33241 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE33241 Datasheet HTML 1Page - Peregrine Semiconductor PE33241 Datasheet HTML 2Page - Peregrine Semiconductor PE33241 Datasheet HTML 3Page - Peregrine Semiconductor PE33241 Datasheet HTML 4Page - Peregrine Semiconductor PE33241 Datasheet HTML 5Page - Peregrine Semiconductor PE33241 Datasheet HTML 6Page - Peregrine Semiconductor PE33241 Datasheet HTML 7Page - Peregrine Semiconductor PE33241 Datasheet HTML 8Page - Peregrine Semiconductor PE33241 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Preliminary Specification
PE33241
Page 3 of 13
Document No. DOC-15014-3 │ www.psemi.com
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Table 1. Pin Descriptions (continued)
Pin No.
Pin Name
Interface Mode
Type
Description
18
GND
Both
Ground
19
Direct
Direct
Input
Select “high” enables Direct Mode. Select “low” enables Serial Mode
20
A0
Direct
Input
A counter bit 0
E_WR
Serial
Input
Enhancement register write enable. While E_WR is “high”, Sdata can be serially
clocked into the enhancement register on the rising edge of Sclk
A1
Direct
Input
A counter bit 1
22
A2
Direct
Input
A counter bit 2
23
VDD
Both
Note 1
Power supply input. Input may range from 2.65 to 2.95V. Bypassing recommended
24
N/C
Both
Note 3
No connect
25
Pre_en
Direct
Input
Prescaler enable, active “low”. When “high”, Fin bypasses the prescaler
26
Pre_5/6_Sel
Direct
Input
5/6 modulus select, active “high.” When “low,” 10/11 modulus selected
27
VDD
Both
Note 1
Power supply input. Input may range from 2.65 to 2.95V. Bypassing recommended
28
F͞in
Both
Input
Prescaler complementary input. A 22 pF bypass capacitor should be placed as close
as possible to this pin and be connected in series with a 50
Ω resistor to ground
29
Fin
Both
Input
Prescaler input from the VCO, 5 GHz max frequency. A 22 pF coupling capacitor
should be placed as close as possible to this pin and be connected in shunt to a
50Ω resistor to ground
30
GND
Both
Ground
31
Dout
Serial
Output
Data Out. The MSEL signal and the raw prescaler output are available on Dout
through enhancement register programming
32
Cext
Both
Output
Logical “NAND” of PD_D and PD_U terminated through an on chip, 2 kΩ series
resistor. Connecting Cext to an external capacitor will low pass filter the input to the
inverting amplifier used for driving LD
33
LD
Both
Output
Lock detect and open drain logical inversion of Cext. When the loop is in lock, LD is
high impedance, otherwise LD is a logic low (“0”)
34
VDD
Both
Note 1
Power supply input. Input may range from 2.65 to 2.95V. Bypassing recommended
35
PD_D̅
Both
Output
PD_D is pulse down when fp leads fc
36
PD_U̅
Both
Output
PD_U is pulse down when fc leads fp
37
VDD
Both
Note 1
Power supply input. Input may range from 2.65 to 2.95V. Bypassing recommended
38
VDD
Both
Note 1
Power supply input. Input may range from 2.65 to 2.95V. Bypassing recommended
39
fr
Both
Input
Reference frequency input
40
VDD
Both
Note 1
Power supply input. Input may range from 2.65 to 2.95V. Bypassing recommended
41
ENH
Serial
Input
Enhancement mode. When asserted low (“0”), enhancement register bits are
functional
42
GND
Both
Ground
43
N/C
Both
Note 3
No connect
44
R0
Direct
Input
R counter bit 0
45
R1
Direct
Input
R counter bit 1
46
R2
Direct
Input
R counter bit 2
47
R3
Direct
Input
R counter bit 3
48
GND
Both
Ground
21
Notes: 1. VDD pins 1, 11, 23, 27, 34, 37, 38 and 40 are connected by diodes and must be supplied with the same positive voltage level
2. All digital input pins have 70 kΩ pull-down resistors to ground
3. No connect pins can be left open or floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com