Electronic Components Datasheet Search
  English  ▼

X  

PE42521 Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # PE42521
Description  UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42521 Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button PE42521 Datasheet HTML 3Page - Peregrine Semiconductor PE42521 Datasheet HTML 4Page - Peregrine Semiconductor PE42521 Datasheet HTML 5Page - Peregrine Semiconductor PE42521 Datasheet HTML 6Page - Peregrine Semiconductor PE42521 Datasheet HTML 7Page - Peregrine Semiconductor PE42521 Datasheet HTML 8Page - Peregrine Semiconductor PE42521 Datasheet HTML 9Page - Peregrine Semiconductor PE42521 Datasheet HTML 10Page - Peregrine Semiconductor PE42521 Datasheet HTML 11Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-12814-3 |
www.psemi.com
PE42521
Page 7 of 16
Product Specification
Typical Performance Data @ 25°C and VDD = 3.4V unless otherwise specified 
Figure 6. Insertion Loss vs. Temp (RFC–RF1) 
Figure 7. Insertion Loss vs. VDD (RFC–RF1) 
Figure 8. Insertion Loss vs. Temp (RFC–RF2) 
Figure 9. Insertion Loss vs. VDD (RFC–RF2) 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com