Electronic Components Datasheet Search
  English  ▼

X  

PE42521 Datasheet(PDF) 14 Page - Peregrine Semiconductor

Part # PE42521
Description  UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42521 Datasheet(HTML) 14 Page - Peregrine Semiconductor

Back Button PE42521 Datasheet HTML 8Page - Peregrine Semiconductor PE42521 Datasheet HTML 9Page - Peregrine Semiconductor PE42521 Datasheet HTML 10Page - Peregrine Semiconductor PE42521 Datasheet HTML 11Page - Peregrine Semiconductor PE42521 Datasheet HTML 12Page - Peregrine Semiconductor PE42521 Datasheet HTML 13Page - Peregrine Semiconductor PE42521 Datasheet HTML 14Page - Peregrine Semiconductor PE42521 Datasheet HTML 15Page - Peregrine Semiconductor PE42521 Datasheet HTML 16Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Document No. DOC-12814-3 |
UltraCMOS® RFIC Solutions
Page 14 of 16
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
PE42521
Product Specification
Figure 31. Evaluation Board Schematic 
Notes: 1. Use PRT-30186-02 PCB
2. CAUTION: Contains parts and assemblies susceptible
to damage by electrostatic discharge (ESD)
DOC-12827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com