Electronic Components Datasheet Search
  English  ▼

X  

PE42521 Datasheet(PDF) 13 Page - Peregrine Semiconductor

Part # PE42521
Description  UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42521 Datasheet(HTML) 13 Page - Peregrine Semiconductor

Back Button PE42521 Datasheet HTML 8Page - Peregrine Semiconductor PE42521 Datasheet HTML 9Page - Peregrine Semiconductor PE42521 Datasheet HTML 10Page - Peregrine Semiconductor PE42521 Datasheet HTML 11Page - Peregrine Semiconductor PE42521 Datasheet HTML 12Page - Peregrine Semiconductor PE42521 Datasheet HTML 13Page - Peregrine Semiconductor PE42521 Datasheet HTML 14Page - Peregrine Semiconductor PE42521 Datasheet HTML 15Page - Peregrine Semiconductor PE42521 Datasheet HTML 16Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
©2012-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-12814-3 |
www.psemi.com
PE42521
Page 13 of 16
Product Specification
Evaluation Kit
The SPDT switch evaluation board was designed
to ease customer evaluation of Peregrine’s
PE42521. The RF common port is connected
through a 50Ω transmission line via the SMA
connector, J1. RF1 and RF2 ports are connected
through 50Ω transmission lines via SMA
connectors J2 and J3, respectively. A 50Ω
through transmission line is available via SMA
connectors J5 and J6, which can be used to
de-embed the loss of the PCB. J4 provides DC
and digital inputs to the device.
For the true performance of the PE42521 to be
realized, the PCB should be designed in such a
way that RF transmission lines and sensitive DC
I/O traces are heavily isolated from one another.
Figure 30. Evaluation Kit Layout 
PRT-30186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com