Electronic Components Datasheet Search
  English  ▼

X  

S1C60R08 Datasheet(PDF) 1 Page - Epson Company

Part # S1C60R08
Description  4-bit Single Chip Microcomputer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C60R08 Datasheet(HTML) 1 Page - Epson Company

  S1C60R08 Datasheet HTML 1Page - Epson Company S1C60R08 Datasheet HTML 2Page - Epson Company S1C60R08 Datasheet HTML 3Page - Epson Company S1C60R08 Datasheet HTML 4Page - Epson Company S1C60R08 Datasheet HTML 5Page - Epson Company S1C60R08 Datasheet HTML 6Page - Epson Company S1C60R08 Datasheet HTML 7Page - Epson Company S1C60R08 Datasheet HTML 8Page - Epson Company S1C60R08 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
PF1245-01
Micro MINI
S1C60N08/60R08
4-bit Single Chip Microcomputer
q S1C6200C Core CPU
q Built-in LCD Driver
q Serial Interface
s DESCRIPTION
The S1C60N08 Series is a single-chip microcomputer made up of the 4-bit core CPU S1C6200C, ROM (4,096
words
× 12 bits), RAM (832 words × 4 bits), LCD driver, serial interface, event counter with dial input function,
watchdog timer, and two types of time base counter. Because of its low-voltage operation and low power consump-
tion, this series is ideal for a wide range of applications, and is especially suitable for battery-driven systems.
The S1C60R08 is a microcomputer with a CMOS 4-bit core CPU S1C6200C as main component, and a built-in
programmable RAM (ROM emulator). The S1C60R08 has almost the same functions as the S1C60N08/60A08.
The mask ROM in the S1C60N08/60A08 has been changed to a ROM emulator that allows the user to rewrite
programs using a Serial EEPROM.
s CONFIGULATION
The S1C60N08 Series is configured as follows, depending on supply voltage and oscillation circuits.
Model
Supply voltage
Oscillation
circuit
Evaluation tool
S1C60N08
3.0 V
OSC1 only
(Single clock)
S1C60R08
S1C60A08
3.0 V
OSC1 and OSC3
(Twin clock)
S1C60L08
1.5 V
OSC1 only
(Single clock)
–
s FEATURES
q OSC1 oscillation circuit ................... Crystal oscillation circuit 32.768 kHz (Typ.)/38.400 kHz (Typ.)
q OSC3 oscillation circuit ................... CR or ceramic oscillation circuit (
∗1) 500 kHz (Typ.)
...S1C60A08/60R08 only
q Instruction set .................................. 108 types
q Instruction execution time ............... CLK = 32.768 kHz: 153 µsec, 214 µsec, 366 µsec
(differs depending on instruction)
CLK = 38.400 kHz: 130 µsec, 182 µsec, 313 µsec
(CLK: CPU operation frequency)
CLK = 500 kHz:
10 µsec, 14 µsec, 24 µsec...S1C60A08/60R08 only
q ROM capacity ................................. 4,096 words
× 12 bits
q Serial EEPROM interface ............... Built-in (Microchip 24AA65 two wire bus protocol interfaces
...S1C60R08 only
q RAM capacity .................................. 832 words
× 4 bits
q Input ports ....................................... 9 bits (pull-down resistor can be added
∗1)
q Output ports .................................... 8 bits (BZ, BZ, FOUT and SIOF outputs are available
∗1)
q I/O ports .......................................... 8 bits (pull-down resistor is added during input data read-out)
q Serial interface ................................ 1 port (8-bit clock synchronous system)
q LCD driver ....................................... 48 segments
× 4, 3, or 2 commons (∗1)
V-3 V 1/4, 1/3 or 1/2 duty (voltage regulator and booster circuits built-in)
q Time base counter .......................... Two types (timer and stopwatch)
q Watchdog timer ............................... Built-in (
∗1)
Low
Voltage
Operation
Products


Similar Part No. - S1C60R08

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C60A16 EPSON-S1C60A16 Datasheet
116Kb / 3P
4-bit Single Chip Microcomputer
S1C60L05 EPSON-S1C60L05 Datasheet
145Kb / 12P
4-bit Single Chip Microcomputer
S1C60L16 EPSON-S1C60L16 Datasheet
116Kb / 3P
4-bit Single Chip Microcomputer
S1C60N05 EPSON-S1C60N05 Datasheet
145Kb / 12P
4-bit Single Chip Microcomputer
S1C60N16 EPSON-S1C60N16 Datasheet
116Kb / 3P
4-bit Single Chip Microcomputer
More results

Similar Description - S1C60R08

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com