Electronic Components Datasheet Search
  English  ▼

X  

S1C60R08 Datasheet(PDF) 13 Page - Epson Company

Part # S1C60R08
Description  4-bit Single Chip Microcomputer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C60R08 Datasheet(HTML) 13 Page - Epson Company

Back Button S1C60R08 Datasheet HTML 9Page - Epson Company S1C60R08 Datasheet HTML 10Page - Epson Company S1C60R08 Datasheet HTML 11Page - Epson Company S1C60R08 Datasheet HTML 12Page - Epson Company S1C60R08 Datasheet HTML 13Page - Epson Company S1C60R08 Datasheet HTML 14Page - Epson Company S1C60R08 Datasheet HTML 15Page - Epson Company S1C60R08 Datasheet HTML 16Page - Epson Company S1C60R08 Datasheet HTML 17Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
S1C60N08/60R08
q DC Characteristics
S1C60N08/60A08/60R08
Characteristic
High level input voltage (1)
High level input voltage (2)
Low level input voltage (1)
Low level input voltage (2)
High level input current (1)
High level input current (2)
High level input current (3)
Low level input current
High level output current (1)
High level output current (2)
Low level output current (1)
Low level output current (2)
Common output current
Segment output current
(during LCD output)
Segment output current
(during DC output)
(Unless otherwise specified: VDD=0V, VSS=-3.0V, fOSC1=32.768kHz, Ta=25
°C, VS1/VL1–VL3 are internal voltage, C1–C5=0.1µF)
Symbol
VIH1
VIH2
VIL1
VIL2
IIH1
IIH2
IIH3
IIL
IOH1
IOH2
IOL1
IOL2
IOH3
IOL3
IOH4
IOL4
IOH5
IOL5
Unit
V
V
V
V
µA
µA
µA
µA
mA
mA
mA
mA
µA
µA
µA
µA
µA
µA
Max.
0
0
0.8·VSS
0.9·VSS
0.5
16
100
0
-1.8
-0.9
-3
-3
-200
Typ.
Min.
0.2·VSS
0.1·VSS
VSS
VSS
0
4
25
-0.5
6.0
3.0
3
3
200
Condition
K00–03, K10, K20–23, P00–03, P10–13
SIN, (SDA) ∗1
SCLK, RESET, TEST, (OTPRST) ∗1
K00–03, K10, K20–23, P00–03, P10–13
SIN, (SDA) ∗1
SCLK, RESET, TEST, (OTPRST) ∗1
VIH1=0V
K00–03, K10, K20–23, P00–03, P10–13
No pull-down
SIN, SCLK, AMPP, AMPM
(SDA) ∗1
VIH2=0V
K00–03, K10, K20–23
With pull-down
SIN, SCLK
VIH3=0V
P00–03, P10–13, RESET, TEST
With pull-down
(OTPRST) ∗1
VIL=VSS
K00–03, K10, K20–23, P00–03, P10–13
SIN, SCLK, AMPP, AMPM, RESET, TEST
(OTPRST), (SDA) ∗1
VOH1=0.1·VSS
R10, R11, R13
VOH2=0.1·VSS
R00–03, R12, P00–03, P10–13, SOUT
SCLK, (SDA), (ERROUT), (SCL) ∗1
VOL1=0.9·VSS
R10, R11, R13
VOL2=0.9·VSS
R00–03, R12, P00–03, P10–13, SOUT
SCLK, (SDA), (ERROUT), (SCL) ∗1
VOH3=-0.05V
COM0–3
VOL3=VL3+0.05V
VOH4=-0.05V
SEG0–47
VOL4=VL3+0.05V
VOH5=0.1·VSS
SEG0–47
VOL5=0.9·VSS
∗1: ( ) indicate the S1C60R08 pins.
S1C60L08
Characteristic
High level input voltage (1)
High level input voltage (2)
Low level input voltage (1)
Low level input voltage (2)
High level input current (1)
High level input current (2)
High level input current (3)
Low level input current
High level output current (1)
High level output current (2)
Low level output current (1)
Low level output current (2)
Common output current
Segment output current
(during LCD output)
Segment output current
(during DC output)
(Unless otherwise specified: VDD=0V, VSS=-1.5V, fOSC1=32.768kHz, Ta=25
°C, VS1/VL1–VL3 are internal voltage, C1–C5=0.1µF)
Symbol
VIH1
VIH2
VIL1
VIL2
IIH1
IIH2
IIH3
IIL
IOH1
IOH2
IOL1
IOL2
IOH3
IOL3
IOH4
IOL4
IOH5
IOL5
Unit
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
Max.
0
0
0.8·VSS
0.9·VSS
0.5
10
60
0
-300
-150
-3
-3
-100
Typ.
Min.
0.2·VSS
0.1·VSS
VSS
VSS
0
2
12
-0.5
1400
700
3
3
100
Condition
K00–03, K10, K20–23, P00–03, P10–13
SIN
SCLK, RESET, TEST
K00–03, K10, K20–23, P00–03, P10–13
SIN
SCLK, RESET, TEST
VIH1=0V
K00–03, K10, K20–23, P00–03, P10–13
No pull-down
SIN, SCLK
AMPP, AMPM
VIH2=0V
K00–03, K10, K20–23
With pull-down
SIN, SCLK
VIH3=0V
P00–03, P10–13
With pull-down
RESET, TEST
VIL=VSS
K00–03, K10, K20–23, P00–03, P10–13
SIN, SCLK, AMPP, AMPM
RESET, TEST
VOH1=0.1·VSS
R10, R11, R13
VOH2=0.1·VSS
R00–03, R12, P00–03, P10–13
SOUT, SCLK
VOL1=0.9·VSS
R10, R11, R13
VOL2=0.9·VSS
R00–03, R12, P00–03, P10–13
SOUT, SCLK
VOH3=-0.05V
COM0–3
VOL3=VL3+0.05V
VOH4=-0.05V
SEG0–47
VOL4=VL3+0.05V
VOH5=0.1·VSS
SEG0–47
VOL5=0.9·VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com