Electronic Components Datasheet Search
  English  ▼

X  

S1C60R08 Datasheet(PDF) 2 Page - Epson Company

Part # S1C60R08
Description  4-bit Single Chip Microcomputer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C60R08 Datasheet(HTML) 2 Page - Epson Company

  S1C60R08 Datasheet HTML 1Page - Epson Company S1C60R08 Datasheet HTML 2Page - Epson Company S1C60R08 Datasheet HTML 3Page - Epson Company S1C60R08 Datasheet HTML 4Page - Epson Company S1C60R08 Datasheet HTML 5Page - Epson Company S1C60R08 Datasheet HTML 6Page - Epson Company S1C60R08 Datasheet HTML 7Page - Epson Company S1C60R08 Datasheet HTML 8Page - Epson Company S1C60R08 Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
S1C60N08/60R08
q Event counter .................................. Two 8-bit inputs (dial input evaluation or independent)
q Sound generator ............................. Programmable in 8 sounds (8 frequencies)
Digital envelope built-in (
∗1)
q Analog comparator.......................... Inverted input
× 1, non-inverted input × 1
q Battery low detection circuit (BLD) .. Dual system (programmable in 8 values and a fixed value)
2.4 V, 2.2–2.55 V
...S1C60N08/60A08/60R08
1.2 V, 1.05–1.4 V
...S1C60L08
q External interrupt ............................ Input interrupt:
3 systems
q Internal interrupt .............................. Time base counter interrupt:
2 systems
Serial interface interrupt:
1 system
q Supply voltage ................................ 3.0 V (1.8–3.5 V)
...S1C60N08/60A08/60R08
1.5 V (0.9–1.7 V)
...S1C60L08
q Current consumption ...................... S1C60N08
Halt state: 1.0 µA when CLK = 32.768 kHz (Typ.)
Run state: 2.2 µA when CLK = 32.768 kHz (Typ.)
S1C60L08
Halt state: 1.0 µA when CLK = 32.768 kHz (Typ.)
Run state: 2.2 µA when CLK = 32.768 kHz (Typ.)
S1C60A08
Halt state: 1.1 µA when CLK = 32.768 kHz (Typ.)
Run state: 3.0 µA when CLK = 32.768 kHz (Typ.)
Run state: 50 µA when CLK = 500 kHz (Typ.)
S1C60R08
Halt state: 1.0 µA when CLK = 32.768 kHz (Typ.)...Target for S1C60N08
1.1 µA when CLK = 32.768 kHz (Typ.)...Target for S1C60A08
Run state: 6.5 µA when CLK = 32.768 kHz (Typ.)...Target for S1C60N08
7.5 µA when CLK = 32.768 kHz (Typ.)...Target for S1C60A08
Run state: 115 µA when CLK = 500 kHz (Typ.)...Target for S1C60A08 only
q Package .......................................... QFP5-100pin, QFP15-100pin (plastic) or chip
∗1: Can be selected with mask option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com