Electronic Components Datasheet Search
  English  ▼

X  

S1C60R08 Datasheet(PDF) 21 Page - Epson Company

Part # S1C60R08
Description  4-bit Single Chip Microcomputer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C60R08 Datasheet(HTML) 21 Page - Epson Company

Back Button S1C60R08 Datasheet HTML 17Page - Epson Company S1C60R08 Datasheet HTML 18Page - Epson Company S1C60R08 Datasheet HTML 19Page - Epson Company S1C60R08 Datasheet HTML 20Page - Epson Company S1C60R08 Datasheet HTML 21Page - Epson Company S1C60R08 Datasheet HTML 22Page - Epson Company S1C60R08 Datasheet HTML 23Page - Epson Company S1C60R08 Datasheet HTML 24Page - Epson Company S1C60R08 Datasheet HTML 25Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
S1C60N08/60R08
S1C60A08
K00
:
K03
K10
K20
:
K23
P00
:
P03
P10
:
P13
SIN
SOUT
SCLK
AMPM
AMPP
R00
:
R03
CB
CA
VL1
VL2
VL3
VDD
OSC1
OSC2
VS1
OSC3
OSC4
RESET
TEST
VSS
+
Lamp
Piezo
C1
C5
CR
CGC
RCR
CDC
3.0 V
CP
CGX
X'tal
S1C60A08
LCD panel
I/O
SIO
O
I
X'tal
CGX
CR
CGC
CDC
RCR
C1
C2
C3
C4
C5
CP
RA1
RA2
Crystal oscillator
Trimmer capacitor
Ceramic oscillator
Gate capacitor
Drain capacitor
Resistor for CR oscillation
Capacitor
Capacitor
Capacitor
Capacitor
Capacitor
Capacitor
Protection resistor
Protection resistor
32.768 kHz or 38.400 kHz,
CI = 35 k
Ω
5–25 pF
500 kHz
100 pF
100 pF
82 k
Ω
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
3.3
µF
100
Ω
100
Ω
RA2
When the piezoelectric buzzer
is driven directly
RA1
Piezo
∗1
∗1 Ceramic oscillation
∗2 CR oscillation
∗2
[The potential of the substrate
(back of the chip) is VDD.]
Capacitors (C2–C4) are connected.
Connection depending on power supply
and LCD panel specification.
Note: The above tables are simply an example, and are not guaranteed to work.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com