Electronic Components Datasheet Search
  English  ▼

X  

AD7533ACHIPS Datasheet(PDF) 6 Page - Analog Devices

Part # AD7533ACHIPS
Description  CMOS Low Cost, 10-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7533ACHIPS Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7533ACHIPS Datasheet HTML 2Page - Analog Devices AD7533ACHIPS Datasheet HTML 3Page - Analog Devices AD7533ACHIPS Datasheet HTML 4Page - Analog Devices AD7533ACHIPS Datasheet HTML 5Page - Analog Devices AD7533ACHIPS Datasheet HTML 6Page - Analog Devices AD7533ACHIPS Datasheet HTML 7Page - Analog Devices AD7533ACHIPS Datasheet HTML 8Page - Analog Devices AD7533ACHIPS Datasheet HTML 9Page - Analog Devices AD7533ACHIPS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7533
Rev. C | Page 6 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IOUT1 1
IOUT2 2
GND 3
BIT 1 (MSB) 4
RFB
16
VREF
15
VDD
14
BIT 10 (LSB)
13
BIT 2 5
BIT 3 6
BIT 4 7
BIT 9
12
BIT 8
11
BIT 7
10
BIT 5 8
BIT 6
9
AD7533
TOP VIEW
(Not to Scale)
Figure 2. 16-Lead PDIP Pin Configuration
IOUT1 1
IOUT2 2
GND 3
BIT 1 (MSB) 4
RFB
16
VREF
15
VDD
14
BIT 10 (LSB)
13
BIT 2 5
BIT 9
12
BIT 3 6
BIT 8
11
BIT 4 7
BIT 7
10
BIT 5 8
BIT 6
9
AD7533
TOP VIEW
(Not to Scale)
Figure 3. 16-Lead SOIC Pin Configuration
IOUT1 1
IOUT2 2
GND 3
BIT 1 (MSB) 4
RFB
16
VREF
15
VDD
14
BIT 10 (LSB)
13
BIT 2 5
BIT 9
12
BIT 3 6
BIT 8
11
BIT 4 7
BIT 7
10
BIT 5 8
BIT 6
9
AD7533
TOP VIEW
(Not to Scale)
Figure 4. 16-Lead CERDIP Pin Configuration
4
GND
5
BIT 1 (MSB)
6
NC
7
BIT 2
8
BIT 3
18
VDD
17
BIT 10 (LSB)
16
NC
15
BIT 9
14
BIT 8
19
20
1
2
3
13
12
11
10
9
AD7533
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 5. 20-Terminal LCC Pin Configuration
120
19
2
3
4
5
6
7
8
18
17
16
15
14
9
10
11
12
13
NC = NO CONNECT
GND
BIT 1 (MSB)
NC
BIT 2
BIT 3
VDD
BIT 10 (LSB)
NC
BIT 9
BIT 8
PIN 1
INDENTFIER
AD7533
TOP VIEW
(Not to scale)
Figure 6. 20-Lead PLCC Pin Configuration
Table 3. Pin Function Descriptions
Pin Number
16-Lead PDIP, SOIC, CERDIP
20-Lead LCC, PLCC
Mnemonic
Description
1
2
IOUT1
DAC Current Output.
2
3
IOUT2
DAC Analog Ground. This pin should normally be tied to the
analog ground of the system.
3
4
GND
Ground.
4 to 13
5, 7 to 10, 12 to 15, 17
BIT 1 to BIT 10
MSB to LSB.
14
18
VDD
Positive Power Supply Input. These parts can be operated from
a supply of 5 V to 16 V.
15
19
VREF
DAC Reference Voltage Input Terminal.
16
20
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC
by connecting RFB to external amplifier output.
NA
1, 6, 11, 16
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com