Electronic Components Datasheet Search
  English  ▼

X  

AD7533ACHIPS Datasheet(PDF) 12 Page - Analog Devices

Part # AD7533ACHIPS
Description  CMOS Low Cost, 10-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7533ACHIPS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7533ACHIPS Datasheet HTML 4Page - Analog Devices AD7533ACHIPS Datasheet HTML 5Page - Analog Devices AD7533ACHIPS Datasheet HTML 6Page - Analog Devices AD7533ACHIPS Datasheet HTML 7Page - Analog Devices AD7533ACHIPS Datasheet HTML 8Page - Analog Devices AD7533ACHIPS Datasheet HTML 9Page - Analog Devices AD7533ACHIPS Datasheet HTML 10Page - Analog Devices AD7533ACHIPS Datasheet HTML 11Page - Analog Devices AD7533ACHIPS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD7533
Rev. C | Page 12 of 12
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Nonlinearity
(% FSR max)
AD7533ACHIPS
DIE
AD7533JN
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
±0.2
AD7533JNZ1
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
±0.2
AD7533KN
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
±0.1
AD7533KNZ1
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
±0.1
AD7533LN
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
±0.05
AD7533LNZ1
−40°C to +85°C
16-Lead Plastic Dual In-Line Package [PDIP]
N-16
±0.05
AD7533JP
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
±0.2
AD7533JP-REEL
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
±0.2
AD7533JPZ1
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
±0.2
AD7533JPZ-REEL1
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
±0.2
AD7533KP
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
±0.1
AD7533KP-REEL
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
±0.1
AD7533KPZ1
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
±0.1
AD7533KPZ-REEL1
−40°C to +85°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
±0.1
AD7533KR
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
±0.1
AD7533KR-REEL
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
±0.1
AD7533KRZ1
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
±0.1
AD7533KRZ-REEL1
−40°C to +85°C
16-Lead Standard Small Outline Package [SOIC_W]
RW-16
±0.1
AD7533AQ
−40°C to +85°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
±0.2
AD7533BQ
−40°C to +85°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
±0.1
AD7533CQ
−40°C to +85°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
±0.05
AD7533SQ
−55°C to +125°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
±0.2
AD7533UQ
−55°C to +125°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
±0.05
AD7533UQ/883B
−55°C to +125°C
16-Lead Ceramic Dual In-Line Package [CERDIP]
Q-16
±0.05
AD7533TE/883B
−55°C to +125°C
20-Terminal Ceramic Leadless Chip Carrier [LCC]
E-20-1
±0.1
T
1Z = RoHS compliant part.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C01134-0-3/07(C)
TTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com