Electronic Components Datasheet Search
  English  ▼

X  

AD7533ACHIPS Datasheet(PDF) 3 Page - Analog Devices

Part # AD7533ACHIPS
Description  CMOS Low Cost, 10-Bit Multiplying DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7533ACHIPS Datasheet(HTML) 3 Page - Analog Devices

  AD7533ACHIPS Datasheet HTML 1Page - Analog Devices AD7533ACHIPS Datasheet HTML 2Page - Analog Devices AD7533ACHIPS Datasheet HTML 3Page - Analog Devices AD7533ACHIPS Datasheet HTML 4Page - Analog Devices AD7533ACHIPS Datasheet HTML 5Page - Analog Devices AD7533ACHIPS Datasheet HTML 6Page - Analog Devices AD7533ACHIPS Datasheet HTML 7Page - Analog Devices AD7533ACHIPS Datasheet HTML 8Page - Analog Devices AD7533ACHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD7533
Rev. C | Page 3 of 12
SPECIFICATIONS
VDD = 15 V, VOUT1 = VOUT2 = 0 V, VREF = 10 V, unless otherwise noted.
Table 1.
Parameter
TA = 25°C
TA = Operating Range
Test Conditions
STATIC ACCURACY
Resolution
10 Bits
10 Bits
Relative Accuracy1
AD7533JN, AD7533AQ,
AD7533SQ, AD7533JP
±0.2% FSR maximum
±0.2% FSR maximum
AD7533KN, AD7533BQ,
AD7533KP, AD7533TE
±0.1% FSR maximum
±0.1% FSR maximum
AD7533LN, AD7533CQ, AD7533UQ
±0.05% FSR maximum
±0.05% FSR maximum
DNL
±1 LSB maximum
±1 LSB maximum
Gain Error2, 3
±1% FS maximum
±1% FS maximum
Digital input = VINH
Supply Rejection4
∆Gain/∆VDD
0.001%/% maximum
0.001%/% maximum
Digital inputs = VINH, VDD = 14 V to 17 V
Output Leakage Current
IOUT1
±5 nA maximum
±200 nA maximum
Digital inputs = VINL, VREF = ±10 V
IOUT2
±5 nA maximum
±200 nA maximum
Digital inputs = VINH, VREF = ±10 V
DYNAMIC ACCURACY
Output Current Settling Time
600 ns maximum4
800 ns5
To 0.05% FSR; RLOAD = 100 Ω, digital
inputs = VINH to VINL or VINL to VINH
Feedthrough Error
±0.05% FSR maximum5
±0.1% FSR maximum5
Digital inputs = VINL, VREF = ±10 V,
100 kHz sine wave
Propagation Delay
100 ns typical
100 ns typical
Glitch Impulse
100 nV-s typical
100 nV-s typical
REFERENCE INPUT
Input Resistance (VREF)
5 kΩ min, 20 kΩ maximum
5 kΩ min, 20 kΩ maximum6
11 kΩ nominal
ANALOG OUTPUTS
Output Capacitance
CIOUT1
50 pF maximum5
100 pF maximum5
Digital inputs = VINH
CIOUT2
20 pF maximum5
35 pF maximum5
CIOUT1
30 pF maximum5
35 pF maximum5
CIOUT2
50 pF maximum5
100 pF maximum5
Digital inputs = VINL
DIGITAL INPUTS
Input High Voltage (VINH)
2.4 V minimum
2.4 V minimum
Input Low Voltage (VINL)
0.8 V maximum
0.8 V maximum
Input Leakage Current (IIN)
±1 μA maximum
±1 μA maximum
VIN = 0 V and VDD
Input Capacitance (CIN)
8 pF maximum5
8 pF maximum5
POWER REQUIREMENTS
VDD
15 V ± 10%
15 V ± 10%
Rated accuracy
VDD Ranges5
5 V to 16 V
5 V to 16 V
Functionality with degraded performance
IDD
2 mA maximum
2 mA maximum
Digital inputs = VINL or VINH D
25 μA maximum
50 μA maximum
Digital inputs over VIN
1 FSR = full-scale range.
2 Full scale (FS) = VREF.
3 Maximum gain change from TA = 25°C to TMIN or TMAX is ±0.1% FSR.
4 AC parameter, sample tested to ensure specification compliance.
5 Guaranteed, not tested.
6 Absolute temperature coefficient is approximately −300 ppm/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com