Electronic Components Datasheet Search
  English  ▼

X  

AD7477AARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7477AARMZ
Description  2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7477AARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD7477AARMZ Datasheet HTML 1Page - Analog Devices AD7477AARMZ Datasheet HTML 2Page - Analog Devices AD7477AARMZ Datasheet HTML 3Page - Analog Devices AD7477AARMZ Datasheet HTML 4Page - Analog Devices AD7477AARMZ Datasheet HTML 5Page - Analog Devices AD7477AARMZ Datasheet HTML 6Page - Analog Devices AD7477AARMZ Datasheet HTML 7Page - Analog Devices AD7477AARMZ Datasheet HTML 8Page - Analog Devices AD7477AARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7476A/AD7477A/AD7478A
Rev. F | Page 5 of 28
AD7477A SPECIFICATIONS
VDD = 2.35 V to 5.25 V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS, TA = TMIN to TMAX, unless otherwise noted.1
Table 2.
Parameter
A Grade2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 100 kHz sine wave
Signal-to-Noise + Distortion (SINAD)3
61
dB min
Total Harmonic Distortion (THD)3
–72
dB max
Peak Harmonic or Spurious Noise (SFDR)3
–73
dB max
Intermodulation Distortion (IMD)3
Second-Order Terms
–82
dB typ
fa = 100.73 kHz, fb = 90.7 kHz
Third-Order Terms
–82
dB typ
fa = 100.73 kHz, fb = 90.7 kHz
Aperture Delay
10
ns typ
Aperture Jitter
30
ps typ
Full Power Bandwidth
13.5
MHz typ
@ 3 dB
2
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity
±0.5
LSB max
Differential Nonlinearity
±0.5
LSB max
Guaranteed no missed codes to 10 bits
Offset Error3, 4
±1
LSB max
Gain Error3, 4
±1
LSB max
Total Unadjusted Error (TUE)3, 4
±1.2
LSB max
ANALOG INPUT
Input Voltage Range
0 to VDD
V
DC Leakage Current
±0.5
µA max
Input Capacitance
20
pF typ
Track-and-hold in track; 6 pF typ when in hold
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
1.8
V min
VDD = 2.35 V
Input Low Voltage, VINL
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
Input Current, IIN, SCLK Pin
±0.5
μA max
Typically 10 nA, VIN = 0 V or VDD
Input Current, IIN, CS Pin
±10
nA typ
Input Capacitance, CIN5
5
pF max
LOGIC OUTPUTS
Output High Voltage VOH
VDD – 0.2
V min
ISOURCE = 200 μA, VDD = 2.35 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
μA max
Floating-State Output Capacitance5
5
pF max
Output Coding
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
700
ns max
14 SCLK cycles with SCLK at 20 MHz
Track-and-Hold Acquisition Time3
250
ns max
Throughput Rate
1
MSPS max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com