Electronic Components Datasheet Search
  English  ▼

X  

AD7477AARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7477AARMZ
Description  2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7477AARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7477AARMZ Datasheet HTML 4Page - Analog Devices AD7477AARMZ Datasheet HTML 5Page - Analog Devices AD7477AARMZ Datasheet HTML 6Page - Analog Devices AD7477AARMZ Datasheet HTML 7Page - Analog Devices AD7477AARMZ Datasheet HTML 8Page - Analog Devices AD7477AARMZ Datasheet HTML 9Page - Analog Devices AD7477AARMZ Datasheet HTML 10Page - Analog Devices AD7477AARMZ Datasheet HTML 11Page - Analog Devices AD7477AARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7476A/AD7477A/AD7478A
Rev. F | Page 8 of 28
TIMING SPECIFICATIONS
VDD = 2.35 V to 5.25 V; TA = TMIN to TMAX, unless otherwise noted.1
Table 4.
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK2
10
kHz min3
A, B grades
20
kHz min3
Y grade
20
MHz max
tCONVERT
16 × tSCLK
AD7476A
14 × tSCLK
AD7477A
12 × tSCLK
AD7478A
tQUIET
50
ns min
Minimum quiet time required between bus relinquish
and start of next conversion
t1
10
ns min
Minimum CS pulse width
t2
10
ns min
CS to SCLK setup time
t34
22
ns max
Delay from CS until SDATA three-state disabled
t44
40
ns max
Data access time after SCLK falling edge
t5
0.4 tSCLK
ns min
SCLK low pulse width
t6
0.4 tSCLK
ns min
SCLK high pulse width
t75
SCLK to data valid hold time
10
ns min
VDD ≤ 3.3 V
9.5
ns min
3.3 V < VDD ≤ 3.6 V
7
ns min
VDD > 3.6 V
t86
36
ns max
SCLK falling edge to SDATA high impedance
t7 values also apply to t8 minimum values
ns min
SCLK falling edge to SDATA high impedance
tPOWER-UP7
1
μs max
Power-up time from full power-down
1
Guaranteed by characterization. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
2
Mark/space ratio for the SCLK input is 40/60 to 60/40.
3
Minimum fSCLK at which specifications are guaranteed.
4
Measured with the load circuit shown in Figure 2, and defined as the time required for the output to cross 0.8 V or 1.8 V when VDD = 2.35 V, and
0.8 V or 2.0 V for VDD > 2.35 V.
5
Measured with a 50 pF load capacitor.
6
t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit shown in Figure 2. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. Therefore, the time, t8, quoted in the timing characteristics is the true bus
relinquish time of the part and is independent of the bus loading.
7
See the Power-Up Time section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com