Electronic Components Datasheet Search
  English  ▼

X  

AD7671 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7671
Description  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671 Datasheet(HTML) 4 Page - Analog Devices

  AD7671 Datasheet HTML 1Page - Analog Devices AD7671 Datasheet HTML 2Page - Analog Devices AD7671 Datasheet HTML 3Page - Analog Devices AD7671 Datasheet HTML 4Page - Analog Devices AD7671 Datasheet HTML 5Page - Analog Devices AD7671 Datasheet HTML 6Page - Analog Devices AD7671 Datasheet HTML 7Page - Analog Devices AD7671 Datasheet HTML 8Page - Analog Devices AD7671 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7679
Rev. A | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
V
VIH
2.0
DVDD + 0.3
V
IIL
–1
+1
μA
IIH
–1
+1
μA
DIGITAL OUTPUTS
Data Format5
Pipeline Delay6
VOL
ISINK = 1.6 mA
0.4
V
VOH
ISOURCE = –500 μA
OVDD – 0.6
V
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
DVDD + 0.37
V
Operating Current
500 kSPS Throughput
AVDD
PDBUF High
10.8
mA
DVDD8
4.5
mA
OVDD8
50
μA
POWER DISSIPATION8
PDBUF High @ 500 kSPS
76
90
mW
PDBUF High @ 1 kSPS
150
μW
PDBUF Low @ 500 kSPS
89
103
mW
TEMPERATURE RANGE9
Specified Performance
TMIN to TMAX
–40
+85
°C
1 See Analog Inputs section.
2 LSB means Least Significant Bit. With the ±4.096 V input range, 1 LSB is 31.25 μV.
3 See Definition of Specifications section. The nominal gain error is not centered at zero and is −0.029% of FSR. This specification is the deviation from this nominal
value. These specifications do not include the error contribution from the external reference, but do include the error contribution from the reference buffer if used.
4 All specifications in dB are referred to a full-scale input, FS. Tested with an input signal at 0.5 dB below full scale unless otherwise specified.
5 Parallel or Serial 18-Bit.
6 Conversion results are available immediately after completed conversion.
7 The max should be the minimum of 5.25 V and DVDD + 0.3 V.
8 Tested in Parallel Reading mode.
9 Contact factory for extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com