Electronic Components Datasheet Search
  English  ▼

X  

AD7671 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7671
Description  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671 Datasheet(HTML) 1 Page - Analog Devices

  AD7671 Datasheet HTML 1Page - Analog Devices AD7671 Datasheet HTML 2Page - Analog Devices AD7671 Datasheet HTML 3Page - Analog Devices AD7671 Datasheet HTML 4Page - Analog Devices AD7671 Datasheet HTML 5Page - Analog Devices AD7671 Datasheet HTML 6Page - Analog Devices AD7671 Datasheet HTML 7Page - Analog Devices AD7671 Datasheet HTML 8Page - Analog Devices AD7671 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
AD7679
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2009 Analog Devices, Inc. All rights reserved.
FEATURES
18-bit resolution with no missing codes
No pipeline delay (SAR architecture)
Differential input range: ±VREF (VREF up to 5 V)
Throughput: 570 kSPS
INL: ±2.5 LSB max (±9.5 ppm of full scale)
Dynamic range : 103 dB typ (VREF = 5 V)
S/(N+D): 100 dB typ @ 2 kHz (VREF = 5 V)
Parallel (18-,16-, or 8-bit bus) and serial 5 V/3 V interface
SPI
®/QSPI™/MICROWIRE™/DSP compatible
On-board reference buffer
Single 5 V supply operation
Power dissipation: 76 mW @ 500 kSPS
150 μW @ 1 kSPS
48-lead LQFP or 48-lead LFCSP package
Pin-to-pin compatible upgrade of AD7674/AD7676/AD7678
APPLICATIONS
CT scanners
High dynamic data acquisition
Geophone and hydrophone sensors
Σ-Δ replacement (low power, multichannel)
Instrumentation
Spectrum analysis
Medical instruments
FUNCTIONAL BLOCK DIAGRAM
SWITCHED
CAP DAC
18
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7679
D[17:0]
BUSY
RD
CS
MODE0
OGND
OVDD
DGND
DVDD
AVDD
AGND
REF REFGND
IN+
IN–
PD
RESET
SERIAL
PORT
PARALLEL
INTERFACE
CNVST
PDBUF
REFBUFIN
MODE1
03085–0–001
Figure 1. Functional Block Diagram
Table 1. PulSAR Selection
Type/kSPS
100–250
500–570
800–
1000
Pseudo-
Differential
AD7651
AD7660/AD7661
AD7650/AD7652
AD7664/AD7666
AD7653
AD7667
True Bipolar
AD7663
AD7665
AD7671
True
Differential
AD7675
AD7676
AD7677
18-Bit
AD7678
AD7679
AD7674
Multichannel/
Simultaneous
AD7654
AD7655
GENERAL DESCRIPTION
The AD7679 is an 18-bit, 570 kSPS, charge redistribution SAR,
fully differential analog-to-digital converter that operates on a
single 5 V power supply. The part contains a high speed 18-bit
sampling ADC, an internal conversion clock, an internal
reference buffer, error correction circuits, and both serial and
parallel system interface ports.
The part is available in a 48-lead LQFP or 48-lead LFCSP with
operation specified from –40°C to +85°C.
PRODUCT HGHLIGHTS
1.
High Resolution, Fast Throughput.
The AD7679 is a 570 kSPS, charge redistribution, 18-bit
SAR ADC (no latency).
2.
Excellent Accuracy.
The AD7679 has a maximum integral nonlinearity of
2.5 LSB with no missing 18-bit codes.
3.
Serial or Parallel Interface.
Versatile parallel (18-, 16-, or 8-bit bus) or 3-wire serial
interface arrangement compatible with both 3 V and
5 V logic.


Similar Part No. - AD7671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7671 AD-AD7671 Datasheet
336Kb / 23P
16-Bit 1 MSPS SAR Unipolar ADC with Ref
AD7671 AD-AD7671 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7671 AD-AD7671 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7671 AD-AD7671 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7671 AD-AD7671 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7674 AD-AD7674 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7679 AD-AD7679 Datasheet
556Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674AST AD-AD7674AST Datasheet
983Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_17 Datasheet
506Kb / 29P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
A
AD7674 AD-AD7674_17 Datasheet
587Kb / 29P
18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
B
AD7678 AD-AD7678 Datasheet
437Kb / 29P
18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com