Electronic Components Datasheet Search
  English  ▼

X  

AD7671 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7671
Description  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7671 Datasheet HTML 15Page - Analog Devices AD7671 Datasheet HTML 16Page - Analog Devices AD7671 Datasheet HTML 17Page - Analog Devices AD7671 Datasheet HTML 18Page - Analog Devices AD7671 Datasheet HTML 19Page - Analog Devices AD7671 Datasheet HTML 20Page - Analog Devices AD7671 Datasheet HTML 21Page - Analog Devices AD7671 Datasheet HTML 22Page - Analog Devices AD7671 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7679
Rev. A | Page 19 of 28
Power Supply
The AD7679 uses three sets of power supply pins: an analog 5 V
supply (AVDD), a digital 5 V core supply (DVDD), and a digital
output interface supply (OVDD). The OVDD supply defines
the output logic level and allows direct interface with any logic
working between 2.7 V and DVDD + 0.3 V. To reduce the
number of supplies needed, the digital core (DVDD) can be
supplied through a simple RC filter from the analog supply, as
shown in Figure 25. The AD7679 is independent of power
supply sequencing once OVDD does not exceed DVDD by
more than 0.3 V, and is therefore free from supply voltage
induced latch-up. Additionally, it is very insensitive to power
supply variations over a wide frequency range (see Figure 30).
FREQUECY (kHz)
65
40
100
1000
10000
110
60
55
50
45
03085-0-032
Figure 30. PSRR vs. Frequency
POWER DISSIPATION VERSUS THROUGHPUT
The AD7679 automatically reduces its power consumption at
the end of each conversion phase. During the acquisition phase,
the operating currents are very low, which allows for a
significant power savings when the conversion rate is reduced,
as shown in Figure 31. This feature makes the AD7679 ideal for
very low power battery applications.
It should be noted that the digital interface remains active even
during the acquisition phase. To reduce the operating digital
supply currents even further, the digital inputs need to be
driven close to the power rails (DVDD and DGND), and
OVDD should not exceed DVDD by more than 0.3 V.
SAMPLING RATE (SPS)
1000000
1M
100000
10000
1000
100
10
1
0.1
100k
10k
1k
100
1
10
PDBUF HIGH
03085-0-033
Figure 31. Power Dissipation vs. Sample Rate
CONVERSION CONTROL
Figure 32 shows the detailed timing diagrams of the conversion
process. The AD7679 is controlled by the CNVST signal, which
initiates conversion. Once initiated, it cannot be restarted or
aborted, even by PD, until the conversion is complete. The
CNVST signal operates independently of CS and RD.
CNVST
t1
t2
MODE
ACQUIRE
CONVERT
ACQUIRE
CONVERT
t7
t8
BUSY
t4
t3
t5
t6
03085-0-034
Figure 32. Basic Conversion Timing
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges and levels with minimum
overshoot and undershoot or ringing.
For applications where SNR is critical, the CNVST signal should
have very low jitter. This may be achieved by using a dedicated
oscillator for CNVST generation, or to clock it with a high
frequency low jitter clock, as shown in
.
Figure 25
For other applications, conversions can be automatically
initiated. If CNVST is held low when BUSY is low, the AD7679
controls the acquisition phase and automatically initiates a new
conversion. By keeping CNVST low, the AD7679 keeps the
conversion process running by itself. It should be noted that the
analog input has to be settled when BUSY goes low. Also, at
power-up, CNVST should be brought low once to initiate the
conversion process. In this mode, the AD7679 could sometimes
run slightly faster than the guaranteed limits of 570 kSPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com