Electronic Components Datasheet Search
  English  ▼

X  

AD7671 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7671
Description  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7671 Datasheet HTML 8Page - Analog Devices AD7671 Datasheet HTML 9Page - Analog Devices AD7671 Datasheet HTML 10Page - Analog Devices AD7671 Datasheet HTML 11Page - Analog Devices AD7671 Datasheet HTML 12Page - Analog Devices AD7671 Datasheet HTML 13Page - Analog Devices AD7671 Datasheet HTML 14Page - Analog Devices AD7671 Datasheet HTML 15Page - Analog Devices AD7671 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7679
Rev. A | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
2.5
0
65536
131072
196608
262144
1.5
1.0
0
–2.5
0.5
–0.5
03085-0-005
–1.0
2.0
–2.0
–1.5
Figure 5. Integral Nonlinearity vs. Code
CODE IN HEX
70000
50000
30000
0
20000
10000
40000
1FEBE
1FEBD
1FEC0 1FEC1 1FEC2 1FEC3 1FEC4 1FEC5 1FEC6
VREF = 5V
60000
0
0
0
0
03085-0-006
73
7584
58510 59001
4616
264
Figure 6. Histogram of 131,072 Conversions of a
DC Input at the Code Transition
POSITIVE INL (LSB)
100
0
60
20
0
40
80
0.5
1.0
1.5
2.0
03085-0-007
2.5
Figure 7. Typical Positive INL Distribution (424 Units)
CODE
2.0
0
65536
131072
196608
262144
1.5
1.0
0
–1.0
0.5
–0.5
03085-0-008
Figure 8. Differential Nonlinearity vs. Code
CODE IN HEX
90000
60000
40000
20000
0
30000
10000
50000
1FEBF
1FEBE
1FEC0 1FEC1 1FEC2 1FEC3 1FEC4 1FEC5 1FEC6
VREF = 5V
70000
80000
0
59
799
2
0
22496
23080
3838
03085-0-009
Figure 9. Histogram of 131,072 Conversions of a
DC Input at the Code Center
NEGATIVE INL (LSB)
120
–2.5
80
60
20
0
–2.0
–1.5
–1.0
–0.5
03085-0-010
100
40
0
Figure 10. Typical Negative INL Distribution (424 Units)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com