Electronic Components Datasheet Search
  English  ▼

X  

PCA9535EC Datasheet(PDF) 9 Page - ON Semiconductor

Part # PCA9535EC
Description  16-bit Low-Power I/O Expander for I2C Bus withInterrupt
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535EC Datasheet(HTML) 9 Page - ON Semiconductor

Back Button PCA9535EC Datasheet HTML 5Page - ON Semiconductor PCA9535EC Datasheet HTML 6Page - ON Semiconductor PCA9535EC Datasheet HTML 7Page - ON Semiconductor PCA9535EC Datasheet HTML 8Page - ON Semiconductor PCA9535EC Datasheet HTML 9Page - ON Semiconductor PCA9535EC Datasheet HTML 10Page - ON Semiconductor PCA9535EC Datasheet HTML 11Page - ON Semiconductor PCA9535EC Datasheet HTML 12Page - ON Semiconductor PCA9535EC Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PCA9535E, PCA9535EC
http://onsemi.com
9
REGISTERS
Command Byte
During a write transmission, the address byte is followed
by the command byte. The command byte determines which
of the following registers will be written or read.
Table 7. COMMAND BYTE
COMMAND
REGISTER
0
Input Port 0
1
Input Port 1
2
Output Port 0
3
Output Port 1
4
Polarity Inversion Port 0
5
Polarity Inversion Port 1
6
Configuration Port 0
7
Configuration Port 1
Registers 0 and 1: Input Port Registers
These registers are input−only. They reflect the incoming
logic levels of the pins, regardless of whether the pin is
defined as an input or an output by Registers 6 or 7. Writes
to these registers have no effect.
The externally−applied logic level determines the default
value ‘X’.
Table 8. INPUT PORT 0 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
I0.7
I0.6
I0.5
I0.4
I0.3
I0.2
I0.1
I0.0
Default
X
X
X
X
X
X
X
X
Table 9. INPUT PORT 1 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
I1.7
I1.6
I1.5
I1.4
I1.3
I1.2
I1.1
I1.0
Default
X
X
X
X
X
X
X
X
Registers 2 and 3: Output Port Registers
These registers are output−only. They reflect the outgoing
logic levels of the pins defined as outputs by Registers 6 and
7. Bit values in these registers have no effect on pins defined
as inputs. In turn, reads from these registers reflect the values
that are in the flip−flops controlling the output selection, not
the actual pin values.
Table 10. OUTPUT PORT 0 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
O0.7
O0.6
O0.5
O0.4
O0.3
O0.2
O0.1
O0.0
Default
1
1
1
1
1
1
1
1
Table 11. OUTPUT PORT 1 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
O1.7
O1.6
O1.5
O1.4
O1.3
O1.2
O1.1
O1.0
Default
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com