Electronic Components Datasheet Search
  English  ▼

X  

PCA9535EC Datasheet(PDF) 10 Page - ON Semiconductor

Part # PCA9535EC
Description  16-bit Low-Power I/O Expander for I2C Bus withInterrupt
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535EC Datasheet(HTML) 10 Page - ON Semiconductor

Back Button PCA9535EC Datasheet HTML 6Page - ON Semiconductor PCA9535EC Datasheet HTML 7Page - ON Semiconductor PCA9535EC Datasheet HTML 8Page - ON Semiconductor PCA9535EC Datasheet HTML 9Page - ON Semiconductor PCA9535EC Datasheet HTML 10Page - ON Semiconductor PCA9535EC Datasheet HTML 11Page - ON Semiconductor PCA9535EC Datasheet HTML 12Page - ON Semiconductor PCA9535EC Datasheet HTML 13Page - ON Semiconductor PCA9535EC Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PCA9535E, PCA9535EC
http://onsemi.com
10
Registers 4 and 5: Polarity Inversion Registers
These registers allow the polarity of the data in the input
port registers to be inverted. The input port data polarity will
be inverted when its corresponding bit in these registers is
set (written with ‘1’), and retained when the bit is cleared
(written with a ‘0’).
Table 12. POLARITY INVERSION PORT 0 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
N0.7
N0.6
N0.5
N0.4
N0.3
N0.2
N0.1
N0.0
Default
0
0
0
0
0
0
0
0
Table 13. POLARITY INVERSION PORT 1 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
N1.7
N1.6
N1.5
N1.4
N1.3
N1.2
N1.1
N1.0
Default
0
0
0
0
0
0
0
0
Registers 6 and 7: Configuration Registers
The I/O pin directions are configured through the
configuration registers. When a bit in the configuration
registers is set (written with ‘1’), the bit’s corresponding port
pin is enabled as an input with the output driver in
high−impedance. When a bit is cleared (written with ‘0’),
the corresponding port pin is enabled as an output. At reset,
the device’s ports are inputs.
Table 14. CONFIGURATION PORT 0 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
C0.7
C0.6
C0.5
C0.4
C0.3
C0.2
C0.1
C0.0
Default
1
1
1
1
1
1
1
1
Table 15. CONFIGURATION PORT 1 REGISTER
Bit
7
6
5
4
3
2
1
0
Symbol
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
Default
1
1
1
1
1
1
1
1
Power−on Reset
Upon application of power, an internal Power−On Reset
(POR) holds the PCA9535E/PCA9535EC in a reset
condition while VDD is ramping up. When VDDhas reached
VPOR, the reset condition is released and the
PCA9535E/PCA9535EC registers and SMBus state
machine will initialize to their default states. The reset is
typically completed by the POR and the part enabled by the
time the power supply is above VPOR. However, when doing
a power reset cycle, it is necessary to lower the power supply
below 0.2 V, and then restored to the operating voltage.
I/O Port (See Figure 2)
When an I/O pin is configured as an input on the
PCA9535E, FETs Q1 and Q2 are off, creating a
high−impedance input. The input voltage may be raised
above VDD to a maximum of 5.5 V. In the case of
PCA9535EC, FET Q1 has been removed and the
open−drain FET Q2 will function the same as PCA9535E.
When the I/O pin is configured as an output on the
PCA9535E, then either Q1 or Q2 is enabled, depending on
the state of the output port register. With the PCA9535EC,
an external pullup is required to pull the I/O pin HIGH when
its corresponding output port register bit is a 1. Care should
be exercised if an external voltage is applied to an I/O
configured as an output because of the low−impedance path
that exists between the pin and either VDD or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com