Electronic Components Datasheet Search
  English  ▼

X  

PCA9535EC Datasheet(PDF) 16 Page - ON Semiconductor

Part # PCA9535EC
Description  16-bit Low-Power I/O Expander for I2C Bus withInterrupt
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535EC Datasheet(HTML) 16 Page - ON Semiconductor

Back Button PCA9535EC Datasheet HTML 12Page - ON Semiconductor PCA9535EC Datasheet HTML 13Page - ON Semiconductor PCA9535EC Datasheet HTML 14Page - ON Semiconductor PCA9535EC Datasheet HTML 15Page - ON Semiconductor PCA9535EC Datasheet HTML 16Page - ON Semiconductor PCA9535EC Datasheet HTML 17Page - ON Semiconductor PCA9535EC Datasheet HTML 18Page - ON Semiconductor PCA9535EC Datasheet HTML 19Page - ON Semiconductor PCA9535EC Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PCA9535E, PCA9535EC
http://onsemi.com
16
Rise and fall times refer to VIL and VIH
Figure 19. I2C Bus Timing Diagram
SCL
SDA
tHD;STA
tSU;DAT
tHD;DAT
tf
tBUF
tSU;STA
tLOW tHIGH
tVD;ACK
tSU;STO
protocol
START
condition
(S)
bit 7
MSB
(A7)
bit 6
(A6)
acknowledge
(A)
(P)
1/fSCL
tr
tVD;DAT
Figure 20. tV(Q) Timing
tv(Q)
SCL
IOn
tv(Q)
SCL
IOn
Figure 21. Test Circuitry for Switching Times
PULSE
GENERATOR
VO
CL
50 pF
RL
500 W
RT
VI
VDD
DUT
VDD
open
GND
RL = load resistor.
CL = load capacitance includes jig and probe capacitance.
RT = termination resistance should be equal to the output impedance of Zo of the pulse generators.
Figure 22. Load Circuit
CL
50 pF
RL
500 W
from output under test
2VDD
open
GND
S1
RL
500 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com