Electronic Components Datasheet Search
  English  ▼

X  

1633921 Datasheet(PDF) 6 Page - Texas Instruments

Part # 1633921
Description  SINGLE SPDT ANALOG SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1633921 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 1633921 Datasheet HTML 2Page - Texas Instruments 1633921 Datasheet HTML 3Page - Texas Instruments 1633921 Datasheet HTML 4Page - Texas Instruments 1633921 Datasheet HTML 5Page - Texas Instruments 1633921 Datasheet HTML 6Page - Texas Instruments 1633921 Datasheet HTML 7Page - Texas Instruments 1633921 Datasheet HTML 8Page - Texas Instruments 1633921 Datasheet HTML 9Page - Texas Instruments 1633921 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TS12A12511
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
5-V Single Supply
V+ = 5 V ± 10%, V– = 0 V, GND = 0 V, TA = –40°C to 85°C (unless otherwise noted)
TA= 25°C
TA= –40°C to 85°C
PARAMETER
SYMBOL
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Analog Switch
Analog signal range
0
V+
V
VNC =0 V to 4.5 V or VNO = 0 V to
4.5 V,
ON-state resistance
ron
8
10
12.5
Ω
ICOM = –10 mA;
see Figure 12
ON-state resistance
VNC =0 V to 4.5 V or VNO = 0 V to
match between
Δron
4.5 V,
1
1.1
1.5
Ω
channels
ICOM = –10 mA
VNC =0 V to 4.5 V or VNO = 0 V to
ON-state resistance
ron(flat)
4.5 V,
1.3
1.3
2
Ω
flatness
ICOM = –10 mA
Leakage Currents
VNC =0 V to 4.5 V or VNO = 0 V to
INC(OFF),
OFF leakage current
4.5 V,
±0.5
±1
±50
nA
INO(OFF)
VCOM = 0 V to 4.5 V; see Figure 13
VNC = 0 V to 4.5V or VNO = 0 V to
INC(ON),
ON leakage current
4.5 V,
±0.5
±1
±50
nA
INO(ON)
VCOM = open; see Figure 14
Digital Inputs
High-level input voltage
VINH
2.4
V+
V
Low-level input voltage
VINL
0
0.8
V
Input current
IINL, IINH
VIN = VINL or VINH
0.01
±0.1
μA
Digital input capacitance
CIN
2.8
pF
6
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com