Electronic Components Datasheet Search
  English  ▼

X  

1633921 Datasheet(PDF) 9 Page - Texas Instruments

Part # 1633921
Description  SINGLE SPDT ANALOG SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1633921 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 1633921 Datasheet HTML 5Page - Texas Instruments 1633921 Datasheet HTML 6Page - Texas Instruments 1633921 Datasheet HTML 7Page - Texas Instruments 1633921 Datasheet HTML 8Page - Texas Instruments 1633921 Datasheet HTML 9Page - Texas Instruments 1633921 Datasheet HTML 10Page - Texas Instruments 1633921 Datasheet HTML 11Page - Texas Instruments 1633921 Datasheet HTML 12Page - Texas Instruments 1633921 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
-18.0
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
1.00E+6
10.00E+6
100.00E+6
1.00E+9
Frequency (Hz)
-75.00
-65.00
-55.00
-45.00
-35.00
-25.00
-15.00
-5.00
1.00E+6
10.00E+6
100.00E+6
1.00E+9
Frequency (Hz)
-75.0
-65.0
-55.0
-45.0
-35.0
-25.0
-15.0
-5.0
1.00E+6
10.00E+6
100.00E+6
1.00E+9
Frequency (Hz)
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
0.050
10
100
1000
10000
100000
Frequency
12V_0V/NC-COM
12V_0V/NO-COM
5V_0V/NC-COM
5V_0V/NO-COM
5V_5V/NC-COM
5V_5V/NO-COM
TS12A12511
www.ti.com
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Figure 7. Bandwidth Dual Supply (
±5V)
Figure 8. Off Isolation vs Frequency Dual Supply (
±5v)
Figure 9. Crosstalk vs Frequency Dual Supply (
±5V)
Figure 10. THD+N (%) vs Frequency
Copyright
© 2009–2011, Texas Instruments Incorporated
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com