Electronic Components Datasheet Search
  English  ▼

X  

1633921 Datasheet(PDF) 1 Page - Texas Instruments

Part # 1633921
Description  SINGLE SPDT ANALOG SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1633921 Datasheet(HTML) 1 Page - Texas Instruments

  1633921 Datasheet HTML 1Page - Texas Instruments 1633921 Datasheet HTML 2Page - Texas Instruments 1633921 Datasheet HTML 3Page - Texas Instruments 1633921 Datasheet HTML 4Page - Texas Instruments 1633921 Datasheet HTML 5Page - Texas Instruments 1633921 Datasheet HTML 6Page - Texas Instruments 1633921 Datasheet HTML 7Page - Texas Instruments 1633921 Datasheet HTML 8Page - Texas Instruments 1633921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
8
7
6
5
COM
NC
GND
V
+
NO
V
–
IN
N.C.
1
2
3
4
DCN PACKAGE
(TOP VIEW)
DRJ PACKAGE
(TOP VIEW)
8
7
6
5
1
2
3
4
DGK PACKAGE
(TOP VIEW)
COM
NC
GND
V
+
NO
V
–
IN
N.C.
COM
NC
GND
V
+
6
8
7
NO
V
–
IN
N.C.
3
1
2
4
5
TS12A12511
www.ti.com
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
±6 V/+12 V, 5 Ω, LOW rON SINGLE SPDT ANALOG SWITCH
Check for Samples: TS12A12511
1
FEATURES
•
±2.7 V to ±6 V Dual Supply
•
2.7 V to 12 V Single Supply
•
5-
Ω (typ) ON-State Resistance
•
1.6-
Ω (typ) ON-State Resistance Flatness
•
3.3-V, 5-V Compatible Digital Control Inputs
•
Rail-to-Rail Analog Signal Handling
•
Fast tON, tOFF Times
•
Tiny 8-Lead SOT-23, 8-Lead MSOP, and QFN-8
Packages
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Performance Tested per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
APPLICATIONS
•
Automatic Test Equipment
•
Power Routing
•
Communication Systems
•
Data Acquisition Systems
•
Sample-and-Hold Systems
•
Relay Replacement
•
Battery-Powered Systems
N.C.
– Not internally connected
NC
– Normally closed
NO
– Normally open
The Exposed Thermal Pad must be
electrically connected to V– or left floating.
DESCRIPTION/ORDERING INFORMATION
The TS12A12511 is a single-pole double-throw (SPDT) analog switch capable of passing signals with swings of
0 to 12 V or
–6 V to 6 V. This switch conducts equally well in both directions when it is on. It also offers a low
ON-state resistance of 5
Ω (typical), which is matched to within 1 Ω between channels. The max current
consumption is
<1 μA and –3 dB bandwidth is >93 MHz. The TS12A12511 exhibits break-before-make switching
action, preventing momentary shorting when switching channels. This device is available packaged in an 8-lead
MSOP, 8-lead SOT-23, and a 8-pin QFN.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2009–2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 1633921

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1633921-1 TEC-1633921-1 Datasheet
4Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
1633921-2 TEC-1633921-2 Datasheet
4Mb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
1633921-4 TEC-1633921-4 Datasheet
4Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
1633921-8 TEC-1633921-8 Datasheet
4Mb / 4P
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
1633921-9 TEC-1633921-9 Datasheet
4Mb / 4P
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 1633921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
Low-Voltage Single SPDT Analog Switch
26-Jul-99
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
Low-Voltage Single SPDT Analog Switch
30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
Low-Voltage Single SPDT Analog Switch
13-Jun-11
logo
Xicor Inc.
ISL76123 XICOR-ISL76123 Datasheet
449Kb / 12P
Automotive Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL76123AHZ-T INTERSIL-ISL76123AHZ-T Datasheet
411Kb / 12P
Automotive Single Supply, SPDT Analog Switch
August 15, 2014
logo
Savitech Corp.
SV74157A SAVITECH-SV74157A Datasheet
254Kb / 8P
Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com