Electronic Components Datasheet Search
  English  ▼

X  

1633921 Datasheet(PDF) 13 Page - Texas Instruments

Part # 1633921
Description  SINGLE SPDT ANALOG SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

1633921 Datasheet(HTML) 13 Page - Texas Instruments

Back Button 1633921 Datasheet HTML 9Page - Texas Instruments 1633921 Datasheet HTML 10Page - Texas Instruments 1633921 Datasheet HTML 11Page - Texas Instruments 1633921 Datasheet HTML 12Page - Texas Instruments 1633921 Datasheet HTML 13Page - Texas Instruments 1633921 Datasheet HTML 14Page - Texas Instruments 1633921 Datasheet HTML 15Page - Texas Instruments 1633921 Datasheet HTML 16Page - Texas Instruments 1633921 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
V+
NC or NO
VNC or VNO
VI
NC or NO
COM
VCOM
GND
V–
CL(2)
RL
tBBM
50%
90%
90%
VNC or VNO = V+/2
RL = 50 Ω
CL = 35 pF
Logic
Input(1)
Logic
Input
(VI)
Switch
Output
(VCOM)
VIO
0
IN
(1) All input pulses are supplied by generators having the following characteristics: PRR≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
V+
GND
NO
IN
RGEN
VI
COM
VCOM
CL(1)
OFF
VCOM
ON
OFF
∆VCOM
VGEN
+
VI = VIH or VIL
CL = 1 nF
VGEN = 0 to V+
RGEN = 0
QC = CL × ∆VCOM
Logic
Input(2)
VIH
VIL
Logic
Input
(VI)
(1) CL includes probe and jig capacitance.
(2) All input pulses are supplied by generators having the following characteristics: PRR≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
V–
NO
COM
VNO
VCOM
Channel OFF: NO to COM
Network Analyzer Setup
Source Power = 0 dBm
(632-mV P-P at 50-Wload)
DC Bias = 350 mV
50 W
V+
GND
50 W
50 W
Network Analyzer
Source
Signal
IN
VI
+
VI = VIO or GND
V–
TS12A12511
www.ti.com
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
Figure 17. Break-Before-Make Time Delay (tBBM)
Figure 18. Charge Injection (QC)
Figure 19. OFF Isolation (OISO)
Copyright
© 2009–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com