Electronic Components Datasheet Search
  English  ▼

X  

ADS8401 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS8401
Description  16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8401 Datasheet(HTML) 1 Page - Texas Instruments

  ADS8401 Datasheet HTML 1Page - Texas Instruments ADS8401 Datasheet HTML 2Page - Texas Instruments ADS8401 Datasheet HTML 3Page - Texas Instruments ADS8401 Datasheet HTML 4Page - Texas Instruments ADS8401 Datasheet HTML 5Page - Texas Instruments ADS8401 Datasheet HTML 6Page - Texas Instruments ADS8401 Datasheet HTML 7Page - Texas Instruments ADS8401 Datasheet HTML 8Page - Texas Instruments ADS8401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
CDAC
_
+
Output
Latches
and
3-State
Drivers
BYTE
16-/8-Bit
Parallel DATA
Output Bus
SAR
Conversion
and
Control Logic
Comparator
Clock
+IN
−IN
REFIN
CONVST
BUSY
CS
RD
RESET
4.096-V
Internal
Reference
REFOUT
ADS8406
SLAS426A – AUGUST 2004 – REVISED DECEMBER 2004
16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
•
DWDM
•
Pseudo-Bipolar, Fully Differential Input, -VREF
to VREF
•
Instrumentation
•
High-Speed, High-Resolution, Zero Latency
•
16-Bit NMC at 1.25 MSPS
Data Acquisition Systems
•
±2 LSB INL Max, -1/+1.25 LSB DNL
•
Transducer Interface
•
90 dB SNR, -95 dB THD at 100 kHz Input
•
Medical Instruments
•
Zero Latency
•
Communications
•
Internal 4.096 V Reference
•
High-Speed Parallel Interface
•
Single 5 V Analog Supply
The ADS8406 is a 16-bit, 1.25 MHz A/D converter
•
Wide I/O Supply: 2.7 V to 5.25 V
with an internal 4.096-V reference. The device in-
cludes a 16-bit capacitor-based SAR A/D converter
•
Low Power: 155 mW at 1.25 MHz Typ
with inherent sample and hold. The ADS8406 offers a
•
Pin Compatible With ADS8412/8402
full 16-bit interface and an 8-bit option where data is
•
48-Pin TQFP Package
read using two 8-bit read cycles.
The ADS8406 has a pseudo-bipolar, fully differential
input. It is available in a 48-lead TQFP package and
is characterized over the industrial -40
°C to 85°C
temperature range.
High Speed SAR Converter Family
Type/Speed
500 kHz
580 kHz
750 MHZ
1.25 MHz
2 MHz
3 MHz
4 MHz
18 Bit Pseudo-Diff
ADS8383
ADS8381
ADS8371
ADS8401
ADS8411
16 Bit Pseudo-Diff
ADS8405
ADS8402
ADS8412
16 Bit Pseudo Bipolar,
Fully Differential
ADS8406
14 Bit Pseudo-Diff
ADS7890 (S)
ADS7891
12 Bit Pseudo-Diff
ADS7881
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8401

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401 BURR-BROWN-ADS8401 Datasheet
1Mb / 30P
16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8401IBPFBR BURR-BROWN-ADS8401IBPFBR Datasheet
238Kb / 10P
16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401IBPFBT BURR-BROWN-ADS8401IBPFBT Datasheet
238Kb / 10P
16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401IPFBR BURR-BROWN-ADS8401IPFBR Datasheet
238Kb / 10P
16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Similar Description - ADS8401

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
16-Bit, 2 MSPS Precision Pseudo Differential ADC
REV. 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com