Electronic Components Datasheet Search
  English  ▼

X  

ADS8401 Datasheet(PDF) 18 Page - Texas Instruments

Part # ADS8401
Description  16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8401 Datasheet(HTML) 18 Page - Texas Instruments

Back Button ADS8401 Datasheet HTML 14Page - Texas Instruments ADS8401 Datasheet HTML 15Page - Texas Instruments ADS8401 Datasheet HTML 16Page - Texas Instruments ADS8401 Datasheet HTML 17Page - Texas Instruments ADS8401 Datasheet HTML 18Page - Texas Instruments ADS8401 Datasheet HTML 19Page - Texas Instruments ADS8401 Datasheet HTML 20Page - Texas Instruments ADS8401 Datasheet HTML 21Page - Texas Instruments ADS8401 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
MICROCONTROLLER INTERFACING
ADS8406 to 8-Bit Microcontroller Interface
CS
RD
CONVST
BUSY
BDGND
+VBD
DB[15:8]
Micro
Controller
RD
GPIO
INT
10
µF
0.1
µF
Analog 5 V
0.1
µF
Digital 3 V
Ext Ref Input
Analog Input
ADS8406
0.1
µF
1
µF
AGND
BDGND
GPIO
BYTE
P[7:0]
GPIO
0.1
µF
1
µF
0.1
µF
10
µF
Analog 5 V
ADS8406
AGND
AGND
PRINCIPLES OF OPERATION
ADS8406
SLAS426A – AUGUST 2004 – REVISED DECEMBER 2004
Figure 31 shows a parallel interface between the ADS8406 and a typical microcontroller using the 8-bit data bus.
The BUSY signal is used as a falling-edge interrupt to the microcontroller.
Figure 31. ADS8406 Application Circuitry (using external reference)
Figure 32. Use Internal Reference
The ADS8406 is a high-speed successive approximation register (SAR) analog-to-digital converter (ADC). The
architecture is based on charge redistribution, which inherently includes a sample/hold function. See Figure 31
for the application circuit for the ADS8406.
The conversion clock is generated internally. The conversion time of 650 ns is capable of sustaining a 1.25-MHz
throughput.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com