Electronic Components Datasheet Search
  English  ▼

X  

ADS8401 Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS8401
Description  16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8401 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS8401 Datasheet HTML 15Page - Texas Instruments ADS8401 Datasheet HTML 16Page - Texas Instruments ADS8401 Datasheet HTML 17Page - Texas Instruments ADS8401 Datasheet HTML 18Page - Texas Instruments ADS8401 Datasheet HTML 19Page - Texas Instruments ADS8401 Datasheet HTML 20Page - Texas Instruments ADS8401 Datasheet HTML 21Page - Texas Instruments ADS8401 Datasheet HTML 22Page - Texas Instruments ADS8401 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
www.ti.com
REFERENCE
ANALOG INPUT
_
+
_
+
IN−
IN+
ADS8406
_
+
VCC+
VCC−
1 k
Ω
1 k
Ω
THS4503
68 pF
68 pF
50
Ω
50
Ω
20 pF
RG
RS
RT
OCM
1 k
Ω
RG, RS, and RT should be chosen such that
RG + RS || RT = 1 k Ω
VOCM = 2 V, +VCC = 7 V, and −VCC = −7 V
ADS8406
SLAS426A – AUGUST 2004 – REVISED DECEMBER 2004
PRINCIPLES OF OPERATION (continued)
The analog input is provided to two input pins: +IN and –IN. When a conversion is initiated, the differential input
on these pins is sampled on the internal capacitor array. While a conversion is in progress, both inputs are
disconnected from any internal function.
The ADS8406 can operate with an external reference with a range from 2.5 V to 4.2 V. A 4.096-V internal
reference is included. When internal reference is used, pin 2 (REFOUT) should be connected to pin 1 (REFIN)
with a 0.1-µF decoupling capacitor and 1-µF storage capacitor between pin 2 (REFOUT) and pins 47 and 48
(REFM) (see Figure 33). The internal reference of the converter is double buffered. If an external reference is
used, the second buffer provides isolation between the external reference and the CDAC. This buffer is also
used to recharge all of the capacitors of the CDAC during conversion. Pin 2 (REFOUT) can be left unconnected
(floating) if external reference is used.
When the converter enters the hold mode, the voltage difference between the +IN and -IN inputs is captured on
the internal capacitor array. Both +IN and –IN inputs have a range of –0.2 V to Vref + 0.2 V. The input span (+IN
– (–IN)) is limited to -Vref to Vref..
The input current on the analog inputs depends upon a number of factors: sample rate, input voltage, and source
impedance. Essentially, the current into the ADS8406 charges the internal capacitor array during the sample
period. After this capacitance has been fully charged, there is no further input current. The source of the analog
input voltage must be able to charge the input capacitance (25 pF) to an 16-bit settling level within the acquisition
time (150 ns) of the device. When the converter goes into the hold mode, the input impedance is greater than 1
G
Ω.
Care must be taken regarding the absolute analog input voltage. To maintain the linearity of the converter, the
+IN and –IN inputs and the span (+IN – (–IN)) should be within the limits specified. Outside of these ranges, the
converter's linearity may not meet specifications. To minimize noise, low bandwidth input signals with low-pass
filters should be used.
Care should be taken to ensure that the output impedance of the sources driving +IN and –IN inputs are
matched. If this is not observed, the two inputs could have different setting time. This may result in offset error,
gain error and linearity error which varies with temperature and input voltage.
A typical input circuit using TI's THS4503 is shown in Figure 33. Input from a single-ended source may be
converted into a differential signal for the ADS8406 as shown in the figure. In case the source itself is differential,
then the THS4503 may be used in differential input and differential output modes.
Figure 33. Using the THS4503 With the ADS8406
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com