Electronic Components Datasheet Search
  English  ▼

X  

DDC112YK/2K Datasheet(PDF) 6 Page - Texas Instruments

Part # DDC112YK/2K
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC112YK/2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button DDC112YK/2K Datasheet HTML 2Page - Texas Instruments DDC112YK/2K Datasheet HTML 3Page - Texas Instruments DDC112YK/2K Datasheet HTML 4Page - Texas Instruments DDC112YK/2K Datasheet HTML 5Page - Texas Instruments DDC112YK/2K Datasheet HTML 6Page - Texas Instruments DDC112YK/2K Datasheet HTML 7Page - Texas Instruments DDC112YK/2K Datasheet HTML 8Page - Texas Instruments DDC112YK/2K Datasheet HTML 9Page - Texas Instruments DDC112YK/2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
DDC112
6
SBAS085B
www.ti.com
NOISE vs T
INT
1
1000
0.1
100
10
T
INT (ms)
0
1
2
3
4
5
6
C
SENSOR = 50pF
C
SENSOR = 0pF
Range 5
TYPICAL CHARACTERISTICS
At TA = +25°C, characterization done with Range 5 (250pC), TINT = 500µs, VREF = +4.096, AVDD = DVDD = +5V, and CLK = 10MHz, unless otherwise noted.
NOISE vs C
SENSOR
200
800
0
1000
600
400
C
SENSOR (pF)
0
10
20
30
40
50
60
70
Range 7
Range 2
Range 1
Range 0
(C
EXT = 250pF)
NOISE vs INPUT LEVEL
30
40
20
90
10
100
70
80
10
50
60
Input Level (% of Full-Scale)
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
C
SENSOR = 50pF
C
SENSOR = 0pF
Range 5
NOISE vs TEMPERATURE
9
8
7
6
5
4
3
2
1
0
–40
–15
10
35
60
85
Temperature (
°C)
Range 1
Range 2
Range 7
Range 3
C
SENSOR = 0pF
RANGE DRIFT vs TEMPERATURE
–40
–15
10
35
60
85
Temperature (
°C)
Ranges 1 - 7
(Internal Integration Capacitor)
2000
1500
1000
500
0
–500
–1000
–1500
I
B vs TEMPERATURE
25
35
45
55
65
75
85
Temperature (°C)
All Ranges
10
1
0.1
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com