Electronic Components Datasheet Search
  English  ▼

X  

DDC112YK/2K Datasheet(PDF) 21 Page - Texas Instruments

Part # DDC112YK/2K
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC112YK/2K Datasheet(HTML) 21 Page - Texas Instruments

Back Button DDC112YK/2K Datasheet HTML 17Page - Texas Instruments DDC112YK/2K Datasheet HTML 18Page - Texas Instruments DDC112YK/2K Datasheet HTML 19Page - Texas Instruments DDC112YK/2K Datasheet HTML 20Page - Texas Instruments DDC112YK/2K Datasheet HTML 21Page - Texas Instruments DDC112YK/2K Datasheet HTML 22Page - Texas Instruments DDC112YK/2K Datasheet HTML 23Page - Texas Instruments DDC112YK/2K Datasheet HTML 24Page - Texas Instruments DDC112YK/2K Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DDC112
21
SBAS085B
www.ti.com
FIGURE 20. Daisy-Chained DDC112s.
IN1
IN2
DCLK
DXMIT
DIN
DVALID
DOUT
DDC112
“F”“E”
Sensor “F”
Sensor “E”
IN1
IN2
DCLK
DXMIT
DIN
DVALID
DOUT
DDC112
“D”“C”
Sensor “D”
Sensor “C”
IN1
IN2
DCLK
DXMIT
DIN
DVALID
DOUT
Data Retrieval
Outputs
DDC112
“B”“A”
Sensor “B”
Sensor “A”
R
P
R
P
R
P
Data Retrievel
Inputs
40 Bits
40 Bits
40 Bits
FIGURE 21. DDC112 in Parallel Operation.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
t18
Propagation Delay from Rising Edge of CLK to DVALID LOW
30
ns
t19
Propagation Delay from DXMIT LOW to DVALID HIGH
30
ns
t20
Setup Time from DCLK LOW TO DXMIT LOW
20
ns
t21
Propagation Delay from DXMIT LOW to Valid DOUT
30
ns
t22
Hold Time that DOUT is Valid After Falling Edge of DCLK
5
ns
t23
Propagation Delay from DXMIT HIGH to DOUT Disabled
30
ns
t22A(1)
Propagation Delay from Falling Edge of DCLK to Valid DOUT
25
ns
t22B(2)
Propagation Delay from Falling Edge of DCLK to Valid DOUT
30
ns
NOTES: (1) Applies to DDC112UK, YK only, with a maximum load of one DDC112UK, YK DIN (4pF typical) with an additional load of (5pF
 100kΩ). (2) Applies
to DDC112U, Y only, with a maximum load of one DDC112U,Y DIN (4pF typical) with an additional load of (5pF
 100kΩ).
FIGURE 22. Digital Interface Timing Diagram for Data Retrieval From a Single DDC112.
TABLE IX. Timing for the DDC112 Data Retrieval.
DIN
DIN
DIN
DOUT
DXMIT
DDC112
Data Output
DDC112
DDC112
Enable
DOUT
DXMIT
DOUT
DXMIT
t
18
t
19
t
20
t
21
t
22
t
23
Input 2
Bit 1
Input 2
Bit 20
Input 1
Bit 1
Input 1
Bit 20
MSB
LSB
MSB
Output Disabled
Output Enabled
Output Disabled
LSB
CLK
DVALID
DXMIT
DCLK(1)
DOUT
NOTE: (1) Disable DCLK (preferably hold LOW) when DXMIT is HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com