Electronic Components Datasheet Search
  English  ▼

X  

AME8855ABHT080 Datasheet(PDF) 25 Page - Analog Microelectronics

Part # AME8855ABHT080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ABHT080 Datasheet(HTML) 25 Page - Analog Microelectronics

Back Button AME8855ABHT080 Datasheet HTML 21Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 22Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 23Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 24Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 25Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 26Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 27Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 28Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 29Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
AME
25
AME8855A
Rev. B.02
High PSRR, Low Noise, 600mA
CMOS Regulator
n Package Dimension (Contd.)
SOP-8
7
o (4X)
θ
Top View
Side View
Front View
D
E
L
e
B
C
H
PIN 1
MIN
MAX
MIN
MAX
A
1.35
1.75
0.0531
0.0689
A
1
0.10
0.30
0.0039
0.0118
A2
B
0.33
0.51
0.0130
0.0201
C
0.17
0.25
0.0067
0.0098
D
4.70
5.33
0.1850
0.2098
E
3.80
4.00
0.1496
0.1575
e
L
0.40
1.27
0.0157
0.0500
H
5.80
6.30
0.2283
0.2480
y
-
0.10
-
0.0039
θ
0
o
8
o
0
o
8
o
1.27 BSC
0.0500 BSC
SYMBOLS
MILLIMETERS
INCHES
1.473 REF
0.0580 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com