Electronic Components Datasheet Search
  English  ▼

X  

AME8855ABHT080 Datasheet(PDF) 12 Page - Analog Microelectronics

Part # AME8855ABHT080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ABHT080 Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button AME8855ABHT080 Datasheet HTML 8Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 9Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 10Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 11Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 12Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 13Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 14Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 15Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 16Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
AME
12
High PSRR, Low Noise, 600mA
CMOS Regulator
AME8855A
Rev. B.02
The AME8855 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection thermal shutdown, and Power Good
detection circuitry.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and Thermal shutdown circuits become ac-
tive when the junction temperature exceeds 150oC, or
the current exceeds 600mA. During thermal shutdown,
the output voltage remains low. Normal operation is re-
stored when the junction temperature drops more 20oC.
Capacitor Selection and Regulator Stability
The AME8855 is stable with an output capacitor to
ground of 1
µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response. Unfortu-
nately, large value ceramic capacitors are comparatively
expensive. One option is to parallel a 0.1
µF ceramic
capacitor with a 10
µF Aluminum Electrolytic. The benefit
is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the in-
put and ground to stabilize V
IN. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
Enable Pin
The Enable Pin is pull-low. When activated pulled low,
the MOS pass transistor shuts off, and all internal cir-
cuits are powered down. In this state, the stand by cur-
rent is less than 1
µA.
n Detailed Description
Capacitor Selection and Regulator Stability
The maximum output power of the AME8855 is limited
by the maximum power dissipation of the package. By
calculation the power dissipation of the package as a
function of the input voltage, output voltage and output
current, the maximum input voltage can be obtained. The
maximum power dissipation should not exceed the
package
’s maximum power rating.
P
MAX = (V IN(MAX) -VOUT) x IOUT
Where:
V
IN(MAX) = maximum input voltage
P
MAX = maximum power dissipation of the package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com