Electronic Components Datasheet Search
  English  ▼

X  

AME8855ABHT080 Datasheet(PDF) 28 Page - Analog Microelectronics

Part # AME8855ABHT080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ABHT080 Datasheet(HTML) 28 Page - Analog Microelectronics

Back Button AME8855ABHT080 Datasheet HTML 24Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 25Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 26Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 27Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 28Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 29Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 30Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 31Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 32Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
AME
28
High PSRR, Low Noise, 600mA
CMOS Regulator
AME8855A
Rev. B.02
n Package Dimension (Contd.)
SOT-23
b
D
e
Top View
Side View
Front View
θ1
PIN 1
MIN
MAX
MIN
MAX
A
0.90
1.40
0.0354
0.0551
A
1
0.00
0.15
0.0000
0.0059
b
0.30
0.50
0.0118
0.0197
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
e
H
2.40
3.00
0.0945
0.1181
L
θ1
0
o
10
o
0
o
10
o
0.35BSC
0.0138 BSC
SYMBOLS
MILLIMETERS
INCHES
1.90 BSC
0.0748 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com