Electronic Components Datasheet Search
  English  ▼

X  

AME8855ABHT080 Datasheet(PDF) 14 Page - Analog Microelectronics

Part # AME8855ABHT080
Description  High PSRR, Low Noise, 600mA CMOS Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ABHT080 Datasheet(HTML) 14 Page - Analog Microelectronics

Back Button AME8855ABHT080 Datasheet HTML 10Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 11Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 12Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 13Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 14Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 15Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 16Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 17Page - Analog Microelectronics AME8855ABHT080 Datasheet HTML 18Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
AME
14
High PSRR, Low Noise, 600mA
CMOS Regulator
AME8855A
Rev. B.02
n Characterization Curve (Contd.)
Current Limit vs Input Voltage
Current Limit vs Input Voltage
Dropout Voltage
Short Circuit Current Protection
Short Circuit Current Protection
Stability vs. ESR vs. Load Current
600
800
1000
1200
1400
1600
2.8
3.8
4.8
5. 5
Input Voltage (V)
V
OUT = 1V
Input Voltage (V)
5. 5
5.3
5. 4
1000
1200
1400
1600
600
800
VOUT = 4.3V
Input Voltage (V)
200
300
400
500
600
700
800
2. 8
3.8
4.8
5. 5
VOUT = 1V
200
300
400
500
600
700
800
5.3
5.5
Input Voltage (V)
VOUT = 1V
0.00
10.00
1.00
0.10
0.01
0.005
50
100
150
200
250
300
Load Current(mA)
0
VIN = 5V
CIN = COUT= 1
µF / X7R
Unstable Range
Stable Range
Unstable Range
100
200
300
400
500
600
700
Temperature (
OC)
-40
-25
-10
+5
+20
+35
+50
+65
+80
+95
+ 110
VOUT = 4.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com