Electronic Components Datasheet Search
  English  ▼

X  

INA106 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA106
Description  Precision Gain = 10 DIFFERENTIAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA106 Datasheet(HTML) 2 Page - Texas Instruments

  INA106 Datasheet HTML 1Page - Texas Instruments INA106 Datasheet HTML 2Page - Texas Instruments INA106 Datasheet HTML 3Page - Texas Instruments INA106 Datasheet HTML 4Page - Texas Instruments INA106 Datasheet HTML 5Page - Texas Instruments INA106 Datasheet HTML 6Page - Texas Instruments INA106 Datasheet HTML 7Page - Texas Instruments INA106 Datasheet HTML 8Page - Texas Instruments INA106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
INA106
2
SBOS152A
www.ti.com
INA106KP, U
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GAIN
Initial(1)
10
V/V
Error
0.01
0.025
%
vs Temperature
–4
ppm/
°C
Nonlinearity(2)
0.0002
0.001
%
OUTPUT
Related Voltage
IO = +20mA, –5mA
10
12
V
Rated Current
VO = 10V
+20, –5mA
Impedance
0.01
Ω
Current Limit
To Common
+40/–10
mA
Capacitive Load
Stable Operation
1000
pF
INPUT
Impedance
Differential
10
k
Ω
Common-Mode
110
k
Ω
Voltage Range
Differential
±1V
Common-Mode
±11
V
Common-Mode Rejection(3)
TA = TMIN to TMAX
86
100
dB
OFFSET VOLTAGE
RTI(4)
Initial
50
200
µV
vs Temperature
0.2
µV/°C
vs Supply
±V
S = 6V to 18V
1
10
µV/V
vs Time
10
µV/mo
NOISE VOLTAGE
RTI(5)
fB = 0.01Hz to 10Hz
1
µVp-p
fO = 10kHz
30
nV/
√Hz
DYNAMIC RESPONSE
Small Signal
–3dB
5
MHz
Full Power BW
VO = 20Vp-p
30
50
kHz
Slew Rate
23
V/
µs
Settling Time: 0.1%
VO = 10V Step
5
µs
0.01%
VO = 10V Step
10
µs
0.01%
VCM = 10V Step, VDIFF = 0V
5
µs
POWER SUPPLY
Rated
±15
V
Voltage Range
Derated Performance
±5
±18
V
Quiescent Current
VO = 0V
±1.5
±2mA
TEMPERATURE RANGE
Specification
0
+70
°C
Operation
–40
+85
°C
Storage
–65
+150
°C
SPECIFICATIONS
ELECTRICAL
At +25
°C, V
S = ±15V, unless otherwise specified.
NOTES: (1) Connected as difference amplifier (see Figure 1). (2) Nonlinearity is the maximum peak deviation from the best-fit straight line as a percent of full-scale peak-
to-peak output. (3) With zero source impedance (see “Maintaining CMR” section). (4) Includes effects of amplifiers’s input bias and offset currents. (5) Includes effect
of amplifier’s input current noise and thermal noise contribution of resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com