Electronic Components Datasheet Search
  English  ▼

X  

INA106 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA106
Description  Precision Gain = 10 DIFFERENTIAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA106 Datasheet(HTML) 5 Page - Texas Instruments

  INA106 Datasheet HTML 1Page - Texas Instruments INA106 Datasheet HTML 2Page - Texas Instruments INA106 Datasheet HTML 3Page - Texas Instruments INA106 Datasheet HTML 4Page - Texas Instruments INA106 Datasheet HTML 5Page - Texas Instruments INA106 Datasheet HTML 6Page - Texas Instruments INA106 Datasheet HTML 7Page - Texas Instruments INA106 Datasheet HTML 8Page - Texas Instruments INA106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
INA106
5
SBOS152A
www.ti.com
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
POWER SUPPLY REJECTION
vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
1
10
100
1k
10k
100k
V–
V+
CMR vs FREQUENCY
Frequency (Hz)
110
100
90
80
70
60
10
100
1k
10k
100k
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation
of the INA106. Power supply bypass capacitors should be
connected close to the device pins as shown.
FIGURE 1. Basic Power Supply and Signal Connections.
The differential input signal is connected to pins 2 and 3 as
shown. The source impedance connected to the inputs must
be equal to assure good common-mode rejection. A 5
Ω
mismatch in source impedance will degrade the common-
mode rejection of a typical device to approximately 86dB. If
the source has a known source impedance mismatch, an
additional resistor in series with one input can be used to
preserve good common-mode rejection.
The output is referred to the output reference terminal
(pin 1) which is normally grounded. A voltage applied to the
Ref terminal will be summed with the output signal. The
source impedance of a signal applied to the Ref terminal
should be less than 10
Ω to maintain good common-mode
rejection.
Figure 2 shows a voltage applied to pin 1 to trim the offset
voltage of the INA106. The known 100
Ω source impedance
of the trim circuit is compensated by the 10
Ω resistor in
series with pin 3 to maintain good CMR.
V
2
25
6
INA106
V
OUT = 10(V3 –V2)
1
R
4
100k
Ω
V
3
R
1
10k
Ω
R
3
10k
Ω
3
R
2
100k
Ω
1µF
V–
1µF
V+
47
+
–
FIGURE 2. Offset Adjustment.
V
2
25
6
INA106
V
O
1
R
4
R
1
R
3
3
R
2
499k
Ω
100
Ω
100k
Ω
+15V
–15V
V
3
10
Ω
V
O = V2 – V3
Offset Adjustment Range = ±3mV
Compensates for
some impedance
at pin 1. See text.
Referring to Figure 1, the CMR depends upon the match of
the internal R4/R3 ratio to the R1/R2 ratio. A CMR of 106dB
requires resistor matching of 0.005%. To maintain high
CMR over temperature, the resistor TCR tracking must be
better than 2ppm/
°C. These accuracies are difficult and
expensive to reliably achieve with discrete components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com