Electronic Components Datasheet Search
  English  ▼

X  

INA106 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA106
Description  Precision Gain = 10 DIFFERENTIAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA106 Datasheet(HTML) 4 Page - Texas Instruments

  INA106 Datasheet HTML 1Page - Texas Instruments INA106 Datasheet HTML 2Page - Texas Instruments INA106 Datasheet HTML 3Page - Texas Instruments INA106 Datasheet HTML 4Page - Texas Instruments INA106 Datasheet HTML 5Page - Texas Instruments INA106 Datasheet HTML 6Page - Texas Instruments INA106 Datasheet HTML 7Page - Texas Instruments INA106 Datasheet HTML 8Page - Texas Instruments INA106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INA106
4
SBOS152A
www.ti.com
MAXIMUM V
OUT vs IOUT
(Positive Swing)
I
OUT (mA)
17.5
15
12.5
10
7.5
5
2.5
0
0
6
1218243036
V
S = ±15V
V
S = ±12V
V
S = ±5V
V
S = ±18V
MAXIMUM V
OUT vs IOUT
(Negative Swing)
–I
OUT (mA)
–17.5
–15
–12.5
–10
–7.5
–5
–2.5
0
0
–2
–4
–6
–8
–10
–12
V
S = ±15V
V
S = ±12V
V
S = ±5V
V
S = ±18V
Frequency (Hz)
1k
10k
100k
TOTAL HARMONIC DISTORTION AND NOISE
vs FREQUENCY
1
0.1
0.01
0.001
A = 20dB, 3Vrms, 10k
Ω load
Noninverting
30kHz low-pass filtered
Inverting
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, unless otherwise noted.
SMALL SIGNAL RESPONSE
50
0
–50
(No Load)
0
–50
50
SMALL SIGNAL RESPONSE
(RLOAD = ∞, CLOAD = 100pF)
STEP RESPONSE
2
µs/div
2
µs/div
2
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com