Electronic Components Datasheet Search
  English  ▼

X  

INA106 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA106
Description  Precision Gain = 10 DIFFERENTIAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA106 Datasheet(HTML) 3 Page - Texas Instruments

  INA106 Datasheet HTML 1Page - Texas Instruments INA106 Datasheet HTML 2Page - Texas Instruments INA106 Datasheet HTML 3Page - Texas Instruments INA106 Datasheet HTML 4Page - Texas Instruments INA106 Datasheet HTML 5Page - Texas Instruments INA106 Datasheet HTML 6Page - Texas Instruments INA106 Datasheet HTML 7Page - Texas Instruments INA106 Datasheet HTML 8Page - Texas Instruments INA106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
INA106
3
SBOS152A
www.ti.com
PIN CONFIGURATION
Top View
DIP/SOIC
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage ......................................................................
±18V
Input Voltage Range ............................................................................
±V
S
Operating Temperature Range: P, U ................................ –40
°C to +85°C
Storage Temperature Range ............................................ –40
°C to +85°C
Lead Temperature (soldering, 10s): P .......................................... +300
°C
Wave Soldering (3s, max) U .......................................................... +260
°C
Output Short Circuit to Common .............................................. Continuous
For the most current package and ordering information, see
the Package Option Addendum located at the end of this
data sheet.
PACKAGE/ORDERING INFORMATION
2
3
4
Ref
–In
+In
V–
NC
V+
Output
Sense
100k
Ω
100k
Ω
10k
Ω
10k
Ω
• (1)
NOTE: (1) Pin 1 indentifier for SO-8 package.
Model number identification may be abbreviated
on SO-8 package due to limited available space.
7
6
5
INA106
18
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com