Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 4 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
NC
(1)
V+
NC
(1)
IN+
IN+
IN-
IN-
REF
8
9
10
5
4
3
1
2
7
6
GND
OUT
1
2
3
6
5
4
OUT
IN
-
IN+
REF
GND
V+
INA210, INA211
INA212, INA213
INA214
SBOS437E – MAY 2008 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VSENSE = VIN+ – VIN–.
INA210, INA213, and INA214: VS = +5V, VIN+ = 12V, and VREF = VS/2, unless otherwise noted.
INA211 and INA212: VS = +12V, VIN+ = 12V, and VREF = VS/2, unless otherwise noted.
INA210, INA211,
INA212, INA213, INA214
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating Voltage Range
VS
+2.7
+26
V
Quiescent Current
IQ
VSENSE = 0mV
65
100
μA
Over Temperature
115
μA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+150
°C
Thermal Resistance
θ JA
SC70
250
°C/W
Thin QFN
80
°C/W
PIN CONFIGURATIONS
DCK PACKAGE
SC70-6
(TOP VIEW)
RSW PACKAGE
THIN QFN-10
(TOP VIEW)
(1) NC denotes no internal connection. Pin can be left floating or connected to any voltage between V– and V+.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com