Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments INA210 Datasheet HTML 10Page - Texas Instruments INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
R
SHUNT
V
REF
V
OUT
V+
V
CM
R
< 10W
S
R
INT
R
< 10
S
W
R
INT
Load
C
F
Bias
INA210, INA211
INA212, INA213
INA214
SBOS437E – MAY 2008 – REVISED JUNE 2013
www.ti.com
UNIDIRECTIONAL OPERATION
Unidirectional operation allows the INA210-INA214 to measure currents through a resistive shunt in one
direction. The most frequent case of unidirectional operation sets the output at ground by connecting the REF pin
to ground. In unidirectional applications where the highest possible accuracy is desirable at very low inputs, bias
the REF pin to a convenient value above 50mV to get the device output swing into the linear range for zero
inputs.
A less frequent case of unipolar output biasing is to bias the output by connecting the REF pin to the supply; in
this case, the quiescent output for zero input is at quiescent supply. This configuration would only respond to
negative currents (inverted voltage polarity at the device input).
BIDIRECTIONAL OPERATION
Bidirectional operation allows the INA210-INA214 to measure currents through a resistive shunt in two directions.
In this case, the output can be set anywhere within the limits of what the reference inputs allow (that is, between
0V to V+). Typically, it is set at half-scale for equal range in both directions. In some cases, however, it is set at a
voltage other than half-scale when the bidirectional current is nonsymmetrical.
The quiescent output voltage is set by applying voltage to the reference input. Under zero differential input
conditions the output assumes the same voltage as is applied to the reference input.
INPUT FILTERING
An obvious and straightforward filtering location is at the device output. However, this location negates the
advantage of the low output impedance of the internal buffer. The only other filtering option is at the device input
pins. This location, though, does require consideration of the ±30% tolerance of the internal resistances.
Figure 24 shows a filter placed at the inputs pins.
Figure 24. Filter at Input Pins
The addition of external series resistance, however, creates an additional error in the measurement so the value
of these series resistors should be kept to 10
Ω or less if possible to reduce impact to accuracy.. The internal bias
network shown in Figure 24 present at the input pins creates a mismatch in input bias currents when a
differential voltage is applied between the input pins. If additional external series filter resistors are added to the
circuit, the mismatch in bias currents results in a mismatch of voltage drops across the filter resistors. This
mismatch creates a differential error voltage that subtracts from the voltage developed at the shunt resistor. This
error results in a voltage at the device input pins that is different than the voltage developed across the shunt
resistor. Without the additional series resistance, the mismatch in input bias currents has little effect on device
operation. The amount of error these external filter resistor add to the measurement can be calculated using
Equation 2 where the gain error factor is calculated using Equation 1.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com