Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 1 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
INA21x
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
m
to
0.1 F
m
+2.7Vto+26V
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
R
1
R
3
R
2
R
4
PRODUCT
R andR
3
4
INA210
INA211
INA212
INA213
INA214
5kW
2kW
1kW
20kW
10kW
R andR
1
2
1MW
1MW
1MW
1MW
1MW
GAIN
200
500
1000
50
100
SC70
SC70
Package
QFN
Package
INA210, INA211
INA212, INA213
INA214
www.ti.com
SBOS437E – MAY 2008 – REVISED JUNE 2013
Voltage Output, High or Low Side Measurement,
Bi-Directional Zerø-Drift Series
Current-Shunt Monitor
Check for Samples: INA210, INA211, INA212, INA213, INA214
1
FEATURES
APPLICATIONS
2
•
WIDE COMMON-MODE RANGE: –0.3V to 26V
•
NOTEBOOK COMPUTERS
•
OFFSET VOLTAGE: ±35
μV (Max, INA210)
•
CELL PHONES
(Enables shunt drops of 10mV full-scale)
•
TELECOM EQUIPMENT
•
ACCURACY:
•
POWER MANAGEMENT
–
±1% Gain Error (Max over temperature)
•
BATTERY CHARGERS
–
0.5
μV/°C Offset Drift (Max)
•
WELDING EQUIPMENT
–
10ppm/°C Gain Drift (Max)
DESCRIPTION
•
CHOICE OF GAINS:
The INA210, INA211, INA212, INA213, and INA214
–
INA210: 200V/V
are voltage output current shunt monitors that can
–
INA211: 500V/V
sense
drops
across
shunts
at
common-mode
–
INA212: 1000V/V
voltages from –0.3V to 26V, independent of the
supply voltage. Five fixed gains are available: 50V/V,
–
INA213: 50V/V
100V/V, 200V/V, 500V/V, or 1000V/V. The low offset
–
INA214: 100V/V
of the Zerø-Drift architecture enables current sensing
•
QUIESCENT CURRENT: 100
μA (max)
with maximum drops across the shunt as low as
10mV full-scale.
•
SC70 PACKAGE: All Models
•
THIN QFN PACKAGE: INA210, INA213, INA214
These devices operate from a single +2.7V to +26V
power supply, drawing a maximum of 100
μA of
supply current. All versions are specified over the
extended operating temperature range (–40°C to
+125°C), and offered in an SC70 package. The
INA210, INA213, and INA214 are also offered in a
thin QFN package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210 Datasheet
581Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA210 TI-INA210 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA210 TI-INA210 Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA210 TI1-INA210 Datasheet
1Mb / 30P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA210 TI1-INA210 Datasheet
1Mb / 39P
High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
More results

Similar Description - INA210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210 Datasheet
581Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA210 TI-INA210_08 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI-INA199A1 Datasheet
797Kb / 22P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA214 TI-INA214 Datasheet
1Mb / 30P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA199B2DCKR TI1-INA199B2DCKR Datasheet
1Mb / 28P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA191 TI1-INA191 Datasheet
461Kb / 22P
Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com