Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA210 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments INA210 Datasheet HTML 10Page - Texas Instruments INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Gain Error (%) = 100
(100
Gain Error Factor)
-
´
10,000
(9
R
+ 10,000
´
S)
20,000
(17
R
+ 20,000
´
S)
5000
(9
R
+ 5000
´
S)
10,000
(13
R
+ 10,000
´
S)
1000
R
+ 1000
S
Gain Error Factor =
(1250 ´ INT
R
)
(1250
S
´
´
´
R ) + (1250
R
) + (R
R
)
INT
S
INT
INA210, INA211
INA212, INA213
INA214
www.ti.com
SBOS437E – MAY 2008 – REVISED JUNE 2013
The amount of variance in the differential voltage present at the device input relative to the voltage developed at
the shunt resistor is based both on the external series resistance value as well as the internal input resistors, R3
and R4 (or RINT as shown in Figure 24). The reduction of the shunt voltage reaching the device input pins
appears as a gain error when comparing the output voltage relative to the voltage across the shunt resistor. A
factor can be calculated to determine the amount of gain error that is introduced by the addition of external series
resistance. The equation used to calculate the expected deviation from the shunt voltage to what is seen at the
device input pins is given in Equation 1:
where:
RINT is the internal input resistor (R3 and R4), and
RS is the external series resistance.
(1)
With the adjustment factor equation including the device internal input resistance, this factor varies with each
gain version, as shown in Table 1. Each individual device gain error factor is shown in Table 2.
Table 1. Input Resistance
PRODUCT
GAIN
RINT (kΩ)
INA210
200
5
INA211
500
2
INA212
1000
1
INA213
50
20
INA214
100
10
Table 2. Device Gain Error Factor
PRODUCT
SIMPLIFIED GAIN ERROR FACTOR
INA210
INA211
INA212
INA213
INA214
The gain error that can be expected from the addition of the external series resistors can then be calculated
based on Equation 2:
(2)
For example, using an INA212 and the corresponding gain error equation from Table 2, a series resistance of
10
Ω results in a gain error factor of 0.982. The corresponding gain error is then calculated using Equation 2,
resulting in a gain error of approximately 1.77% solely because of the external 10
Ω series resistors. Using an
INA213 with the same 10
Ω series resistor results in a gain error factor of 0.991 and a gain error of 0.84% again
solely because of these external resistors.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: INA210 INA211 INA212 INA213 INA214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com