Electronic Components Datasheet Search
  English  ▼

X  

AD9822JRZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9822JRZ
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822JRZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9822JRZ Datasheet HTML 10Page - Analog Devices AD9822JRZ Datasheet HTML 11Page - Analog Devices AD9822JRZ Datasheet HTML 12Page - Analog Devices AD9822JRZ Datasheet HTML 13Page - Analog Devices AD9822JRZ Datasheet HTML 14Page - Analog Devices AD9822JRZ Datasheet HTML 15Page - Analog Devices AD9822JRZ Datasheet HTML 16Page - Analog Devices AD9822JRZ Datasheet HTML 17Page - Analog Devices AD9822JRZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD9822
Rev. B | Page 14 of 20
PGA Gain Registers
There are three PGA registers for individually programming the gain in the red, green, and blue channels. Bits D8, D7, and D6 in each
register must be set low, and Bits D5 through D0 control the gain range in 64 increments. See Figure 15 for the PGA gain vs. the PGA
register code. The coding for the PGA registers is straight binary, with an all 0s word corresponding to the minimum gain setting (1×)
and an all 1s word corresponding to the maximum gain setting (5.7×).
Table 9. PGA Gain Register Settings
D8
D7
D6
D5
D4
D3
D2
D1
D0
Set to 0
Set to 0
Set to 0
MSB
LSB
Gain (V/V)
Gain (dB)
0
0
0
0
0
0
0
0
01
1.0
0.0
0
0
0
0
0
0
0
0
1
1.013
0.12
•
•
•
•
•
•
•
•
•
0
0
0
1
1
1
1
1
0
5.4
14.6
0
0
0
1
1
1
1
1
1
5.7
15.1
1 Power-on default value.
Offset Registers
There are three PGA registers for individually programming the offset in the red, green, and blue channels. Bits D8 through D0 control
the offset range from −350 mV to +350 mV in 512 increments. The coding for the offset registers is sign magnitude, with D8 as the sign
bit. Table 10 shows the offset range as a function of the Bits D8 through D0.
Table 10. Offset Register Settings
D8 (MSB)
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
Offset (mV)
0
0
0
0
0
0
0
0
01
0
0
0
0
0
0
0
0
0
1
+1.2
•
•
•
•
•
•
0
1
1
1
1
1
1
1
1
+350
1
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
−1.2
•
•
•
•
•
•
1
1
1
1
1
1
1
1
1
−350
1 Power-on default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com