Electronic Components Datasheet Search
  English  ▼

X  

AD9822JRZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9822JRZ
Description  Complete 14-Bit CCD/CIS Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9822JRZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9822JRZ Datasheet HTML 11Page - Analog Devices AD9822JRZ Datasheet HTML 12Page - Analog Devices AD9822JRZ Datasheet HTML 13Page - Analog Devices AD9822JRZ Datasheet HTML 14Page - Analog Devices AD9822JRZ Datasheet HTML 15Page - Analog Devices AD9822JRZ Datasheet HTML 16Page - Analog Devices AD9822JRZ Datasheet HTML 17Page - Analog Devices AD9822JRZ Datasheet HTML 18Page - Analog Devices AD9822JRZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD9822
Rev. B | Page 15 of 20
CIRCUIT OPERATION
ANALOG INPUTS—CDS MODE
Figure 10 shows the analog input configuration for the CDS
mode of operation. Figure 11 shows the internal timing for the
sampling switches. The CCD reference level is sampled when
CDSCLK1 transitions from high to low, opening S1. The CCD
data level is sampled when CDSCLK2 transitions from high to
low, opening S2. S3 is then closed, generating a differential
output voltage representing the difference between the two
sampled levels.
The input clamp is controlled by CDSCLK1. When CDSCLK1 is
high, S4 closes and the internal bias voltage is connected to the
analog input. The bias voltage charges the external 0.1 µF input
capacitor, level-shifting the CCD signal into the AD9822’s input
common-mode range. The time constant of the input clamp is
determined by the internal 5 kΩ resistance and the external
0.1 µF input capacitance.
AD9822
S1
S2
2pF
S3
2pF
CML
CML
AVDD
4V
S4
5k
Ω
1.7k
Ω
VINR
OFFSET
CIN
0.1
µF
CCD SIGNAL
0.1
µF
1
µF
+
3V
2.2k
Ω
6.9k
Ω
INPUT CLAMP LEVEL
IS SELECTED IN THE
CONFIGURATION
REGISTER.
Figure 10. CDS Mode Input Configuration (All Three Channels are Identical)
CDSCLK1
CDSCLK2
Q3
(INTERNAL)
S1, S4 CLOSED
S1, S4 CLOSED
S2 CLOSED
S2 CLOSED
S3 CLOSED
S3 CLOSED
S3 OPEN
S2 OPEN
S1, S4 OPEN
Figure 11. CDS Mode Internal Switch Timing
EXTERNAL INPUT COUPLING CAPACITORS
The recommended value for the input coupling capacitors is
0.1 µF. While it is possible to use a smaller capacitor, this larger
value is chosen for several reasons:
• Signal Attenuation: The input coupling capacitor creates a
capacitive divider with a CMOS integrated circuit’s input
capacitance, attenuating the CCD signal level. CIN should be
large relative to the IC’s 10 pF input capacitance in order to
minimize this effect.
• Linearity: Some of the input capacitance of a CMOS IC is
junction capacitance, which varies nonlinearly with applied
voltage. If the input coupling capacitor is too small, the
attenuation of the CCD signal varies nonlinearly with signal
level. This degrades the system linearity performance.
• Sampling Errors: The internal 2 pF sample capacitors have a
“memory” of the previously sampled pixel. There is a charge
redistribution error between CIN and the internal sample
capacitors for larger pixel-to-pixel voltage swings. As the
value of CIN is reduced, the resulting error in the sampled
voltage increases. With a CIN value of 0.1 µF, the charge
redistribution error is less than 1 LSB for a full-scale, pixel-to-
pixel voltage swing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com