Electronic Components Datasheet Search
  English  ▼

X  

TLP284 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP284
Description  TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP284 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP284 Datasheet HTML 1Page - Toshiba Semiconductor TLP284 Datasheet HTML 2Page - Toshiba Semiconductor TLP284 Datasheet HTML 3Page - Toshiba Semiconductor TLP284 Datasheet HTML 4Page - Toshiba Semiconductor TLP284 Datasheet HTML 5Page - Toshiba Semiconductor TLP284 Datasheet HTML 6Page - Toshiba Semiconductor TLP284 Datasheet HTML 7Page - Toshiba Semiconductor TLP284 Datasheet HTML 8Page - Toshiba Semiconductor TLP284 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TLP284
2009-05-27
5
I F -Ta
P C -Ta
0
20
40
60
80
100
-20
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
180
200
-20
0
20
40
60
80
100
120
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
I FP -D R
I F -V F
0.1
1
10
100
0.6
0.8
1
1.2
1.4
1.6
Duty cycle ratio DR
Forward voltage VF (V)
∆ V F/ ∆ Ta - I F
I FP – V FP
1
10
100
1000
0.6
1
1.4
1.8
2.2
2.6
3
Forward current IF (mA)
Pulse forward voltage VFP (V)
*The above graphs show typical characteristic.
100˚C
75˚C
50˚C
25˚C
0˚C
-25˚C
-50˚C
PULSE WIDTH
≦
100μs
Ta=25˚C
10
30
50
100
1000
300
500
3000
10
-3
10
-2
10
-1
10
0
-3.2
-2.8
-2.4
-2
-1.6
-1.2
-0.8
-0.4
0.1
1
10
50
5
0.5
Pulse width≦10μs
Repetitive
Frequency=100Hz
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com