Electronic Components Datasheet Search
  English  ▼

X  

TLP284 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP284
Description  TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP284 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP284 Datasheet HTML 1Page - Toshiba Semiconductor TLP284 Datasheet HTML 2Page - Toshiba Semiconductor TLP284 Datasheet HTML 3Page - Toshiba Semiconductor TLP284 Datasheet HTML 4Page - Toshiba Semiconductor TLP284 Datasheet HTML 5Page - Toshiba Semiconductor TLP284 Datasheet HTML 6Page - Toshiba Semiconductor TLP284 Datasheet HTML 7Page - Toshiba Semiconductor TLP284 Datasheet HTML 8Page - Toshiba Semiconductor TLP284 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLP284
2009-05-27
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP284
Programmable Controllers
AC/DC
−Input Module
Hybrid ICs
TLP284 consist of photo transistor, optically coupled to two gallium arsenide
infrared emitting diode connected inverse parallel, and can operate directly
by AC input current
Since TLP284 are guaranteed wide operating temperature (Ta=-55 to 110 ˚C)
and high isolation voltage (3750Vrms), it’s suitable for high-density surface
mounting applications such as programmable controllers and hybrid ICs.
• Collector−emitter voltage : 80 V (min)
• Current transfer ratio
: 50% (min)
Rank GB
:100% (min)
• Isolation voltage
: 3750 Vrms (min)
• Guaranteed performance over -55 to 110 ˚C
• UL Recognized
: UL1577 , File No. E67349
• cUL Recognized
: CSA Component Acceptance Service No.5A
• BSI (under application)
: BS EN 60065: 2002,
: BS EN 60950-1: 2006
• Option (V4)
VDE approved
: EN60747-5-2
Maximum operating insulation voltage : 707 Vpk
Highest permissible over voltage
: 6000 Vpk
( Note ) When a EN60747-5-2 approved type is needed,
please designate the “Option(V4)”
Construction Mechanical Rating
TOSHIBA
11-3A1
Weight: 0.05 g (typ.)
Creepage Distance
Clearance
Insulation Thickness
5.0 mm (min)
5.0 mm (min)
0.4 mm (min)
Unit in mm
TLP284
3
2
4
1
TLP284
1 : Anode
Cathode
2 : Cathode
Anode
3 : Emitter
4 : Collector
Pin Configuration


Similar Part No. - TLP284

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP284-4 TOSHIBA-TLP284-4 Datasheet
320Kb / 16P
Programmable Controllers AC/DC?묲nput Module Hybrid ICs
More results

Similar Description - TLP284

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP127TPRUF TOSHIBA-TLP127TPRUF Datasheet
164Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP504A-2GB TOSHIBA-TLP504A-2GB Datasheet
210Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
TLP181Y TOSHIBA-TLP181Y Datasheet
237Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com