Electronic Components Datasheet Search
  English  ▼

X  

TLP284 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TLP284
Description  TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP284 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TLP284 Datasheet HTML 6Page - Toshiba Semiconductor TLP284 Datasheet HTML 7Page - Toshiba Semiconductor TLP284 Datasheet HTML 8Page - Toshiba Semiconductor TLP284 Datasheet HTML 9Page - Toshiba Semiconductor TLP284 Datasheet HTML 10Page - Toshiba Semiconductor TLP284 Datasheet HTML 11Page - Toshiba Semiconductor TLP284 Datasheet HTML 12Page - Toshiba Semiconductor TLP284 Datasheet HTML 13Page - Toshiba Semiconductor TLP284 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TLP284
2009-05-27
10
Option:Specification for Embossed-Tape Packing
(TP) for Mini-Flat Coupler
1. Applicable Package
Package
Product Type
SOP4
Mini-Flat Coupler
2. Product Naming System
Type of package used for shipment is denoted by a symbol suffix after a product number. The method of
classification is as below.
(
Example)
TLP28
4(GB-TP,F)
[[G]]/RoHS COMPATIBLE (Note7)
Tape type
CTR rank
Device name
3. Tape Dimensions
3.1 Orientation of Device in Relation to Direction of Tape Movement
Device orientation in the recesses is as shown in Figure 1.
Figure1 Device Orientation
3.2 Tape Packing Quantity:2500 devices per reel
3.3 Empty Device Recesses Are as Shown in Table 1.
Table1 Empty Device Recesses
Standard
Remarks
Occurrences of 2 or more
successive empty device
recesses
0
Within any given 40-mm section of
tape, not including leader and trailer
Single empty device
recesses
6 device (max) per reel
Not including leader and trailer
3.4 Start and End of Tape
The start of the tape has 50 or more empty holes. The end of tape has 50 or more empty holes and two
empty turns only for a cover tape.
Tape feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com