Electronic Components Datasheet Search
  English  ▼

X  

TLP284 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP284
Description  TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP284 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP284 Datasheet HTML 1Page - Toshiba Semiconductor TLP284 Datasheet HTML 2Page - Toshiba Semiconductor TLP284 Datasheet HTML 3Page - Toshiba Semiconductor TLP284 Datasheet HTML 4Page - Toshiba Semiconductor TLP284 Datasheet HTML 5Page - Toshiba Semiconductor TLP284 Datasheet HTML 6Page - Toshiba Semiconductor TLP284 Datasheet HTML 7Page - Toshiba Semiconductor TLP284 Datasheet HTML 8Page - Toshiba Semiconductor TLP284 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLP284
2009-05-27
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward voltage
VF
IF = ±10 mA
1.0
1.15
1.3
V
Capacitance
CT
V = 0, f = 1 MHz
―
60
—
pF
Collector
−emitter
breakdown voltage
V(BR) CEO
IC = 0.5 mA
80
―
—
V
Emitter
−collector
breakdown voltage
V(BR) ECO
IE = 0.1 mA
7
―
—
V
VCE = 48 V,
Ambient light below
(100 ℓx)
(Note 4)
―
0.01
(2)
0.1
(10)
μA
Collector dark current
(Note 5)
ICEO
VCE = 48 V, Ta = 85°C
Ambient light below
(100 ℓx)
(Note 4)
―
2
(4)
50
(50)
μA
Capacitance
(collector to emitter)
CCE
V = 0, f = 1 MHz
―
10
―
pF
Note 4: Irradiation to marking side using standard light bulb.
Note 5: Because of the construction, leak current might be increased by ambient light. Please use photocoupler
with less ambient light.
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn
Typ.
Max
Unit
50
—
600
Current transfer ratio
IC / IF
IF = ±5 mA, VCE = 5 V
Rank GB
100
—
600
%
—
60
—
Saturated CTR
IC / IF (sat)
IF = ±1 mA, VCE = 0.4 V
Rank GB
30
—
—
%
IC = 2.4 mA, IF = ±8 mA
—
—
0.4
—
0.2
—
Collector
−emitter
saturation voltage
VCE (sat)
IC = 0.2 mA, IF = ±1 mA
Rank GB
—
—
0.4
V
Off
−state collector current
IC(off)
VF = ± 0.7 V, VCE = 48 V
—
—
10
μA
CTR symmetry
IC (ratio)
IC (IF = −5 mA) / IC (IF = 5 mA)
Note 6
0.33
—
3
—
Note 6:
5V)
CE
V
,
F1
I
F
(I
C1
I
5V)
CE
V
,
F2
I
F
(I
C2
I
C(ratio)
I
=
=
=
=
=
VCE
IC1
IC2
IF1
IF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com