Electronic Components Datasheet Search
  English  ▼

X  

TLP718 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP718
Description  TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP718 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP718 Datasheet HTML 1Page - Toshiba Semiconductor TLP718 Datasheet HTML 2Page - Toshiba Semiconductor TLP718 Datasheet HTML 3Page - Toshiba Semiconductor TLP718 Datasheet HTML 4Page - Toshiba Semiconductor TLP718 Datasheet HTML 5Page - Toshiba Semiconductor TLP718 Datasheet HTML 6Page - Toshiba Semiconductor TLP718 Datasheet HTML 7Page - Toshiba Semiconductor TLP718 Datasheet HTML 8Page - Toshiba Semiconductor TLP718 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP718
2012-12-19
4
Switching Characteristics
(Unless otherwise specified, Ta = −40 to 100
°C, VCC = 4.5 to 20 V)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN
TYP. *
MAX
UNIT
Propagation delay time
to logic HIGH output
tpLH
IF = 3→ 0 mA
30
120
250
ns
Propagation delay time
to logic LOW output
tpHL
IF = 0 → 3 mA
30
120
250
ns
Switching time dispersion
between ON and OFF
|tpHL-
tpLH|
―
―
―
220
ns
Rise Time (10 – 90 %)
tr
IF = 3 → 0 mA, VCC = 5 V
―
30
―
ns
Fall Time (90 – 10 %)
tf
7,8
IF = 0 → 3 mA, VCC = 5 V
―
30
―
ns
Common-mode transient
Immunity at HIGH level output
CMH
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 20 V, Ta = 25°C
10000
―
―
V/us
Common-mode transient
Immunity at LOW level output
CML
9
VCM = 1000 Vp-p, IF = 5 mA,
VCC = 20 V, Ta = 25°C
−10000
―
―
V/us
*All typical values are at Ta = 25
°C.
TEST CIRCUIT 1 : VOL
TEST CIRCUIT 2 : VOH
TEST CIRCUIT 3 : ICCL
TEST CIRCUIT 4 : ICCH
TEST CIRCUIT 5 : IOSL
TEST CIRCUIT 6 : IOSH
IF
Vcc
→
↑
VCC
GND
SHIELD
0.1uF
VOL
1
3
6
5
4
V
IOL
↑
2
IF
→
↑
Vcc
VCC
GND
SHIELD
0.1uF
Vo
1
3
6
5
4
IOSL
A
2
Vcc
VCC
GND
SHIELD
0.1uF
VOH
V
IOH
↑
1
3
6
5
4
2
VF
VCC
GND
SHIELD
0.1uF
Vcc
1
3
6
5
4
IOSH
A
Vo
2
Vcc
VCC
GND
SHIELD
ICCL
A
IF
→
↑
1
6
3
5
4
2
0.1uF
VCC
GND
SHIELD
Vcc
ICCH
A
1
3
6
5
4
2
0.1uF
VOH=VCC –VO [V]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com