Electronic Components Datasheet Search
  English  ▼

X  

TLP718 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP718
Description  TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP718 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLP718 Datasheet HTML 1Page - Toshiba Semiconductor TLP718 Datasheet HTML 2Page - Toshiba Semiconductor TLP718 Datasheet HTML 3Page - Toshiba Semiconductor TLP718 Datasheet HTML 4Page - Toshiba Semiconductor TLP718 Datasheet HTML 5Page - Toshiba Semiconductor TLP718 Datasheet HTML 6Page - Toshiba Semiconductor TLP718 Datasheet HTML 7Page - Toshiba Semiconductor TLP718 Datasheet HTML 8Page - Toshiba Semiconductor TLP718 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP718
2012-12-19
6
EN60747-5-5 Option:(D4)
Types
: TLP718, TLP718F
Type designations for “option: (D4)”, which are tested under EN60747 requirements.
Ex.: TLP718 (D4-TP,F)
D4 : EN60747 option
TP : Standard tape & reel type
F : [[G]]/RoHS COMPATIBLE
Note: Use TOSHIBA standard type number for safety standard application.
Ex.: TLP718 (D4-TP,F) → TLP718
EN60747 Isolation Characteristics
Description
Symbol
Rating
Unit
Application classification
for rated mains voltage≤300Vrms
for rated mains voltage≤600Vrms
I-IV
I-III
—
Climatic classification
40/ 100 / 21
—
Pollution degree
2
—
TLPxxx type
890
Maximum operating insulation voltage
TLPxxxFtype
VIORM
1140
Vpk
TLPxxx type
1335
Input to output test voltage, method A
Vpr=1.5×VIORM, type and sample test
tp=10s, partial discharge<5pC
TLPxxxFtype
Vpr
1710
Vpk
TLPxxx type
1670
Input to output test voltage, method B
Vpr=1.875×VIORM, 100% production test
tp=1s, partial discharge<5pC
TLPxxxFtype
Vpr
2140
Vpk
Highest permissible overvoltage
(transient overvoltage, tpr = 60s)
VTR
8000
Vpk
Safety limiting values (max. permissible ratings in case of
fault, also refer to thermal derating curve)
current (input current IF, Psi = 0)
power (output or total power dissipation)
temperature
Isi
Psi
Tsi
300
700
150
mA
mW
℃
Insulation resistance,
Rsi
≥
10
12
≥
10
11
≥
10
9
Ω
=500V, Ta=25°C
=500V, Ta=100°C
=500V, Ta=Tsi
VIO
VIO
VIO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com